Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1685EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1685EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1685EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
MAX1684
MAX1685
LX
AIN
IN
CVH
FB
L
C1
MBRS
130LT3
R1
R2
BOOT
PGND
AGND
CC
SHDN
STBY
0.1
µF
22
µF
0.1
µF
100
µF
-VOUT
-1.25V
TO -5.5V
-VOUT = -1.25V
(
)
VIN
1
µF
0.1
µF
CVL
SYNC/PWM
REF
ILIM/SS
0.01
µF
0.01
µF
R2
+ 1
R1
VIN, MAX = 14V -
|VOUT|
Figure 4. Inverting Output
Table 2. Inductor and Minimum Output Capacitor Selection
Table 3. Component Suppliers
22
220
MAX1684 (300kHz)
1.25 to 2.7
10
100
MAX1685 (600kHz)
L
(µH)
MIN COUT
(µF)
L
(µH)
MIN COUT
(µF)
VOUT
(V)
22
100
10
47
2.7 to 4
47
68
22
33
4 to 6
68
47
33
22
6 to 14
capacitors have the lowest ESR of the high-value elec-
trolytic types. Use ceramic and OS-CON capacitors for
very compact, high-reliability, or wide-temperature
applications, where expense is justified. When using
very low ESR capacitors, such as ceramic or OS-CON,
check for stability while examining load-transient
response, and increase the output compensation
capacitor if needed. Table 3 lists suppliers for the vari-
ous components used with the MAX1684/MAX1685.
Ensure that the minimum capacitance value and maxi-
mum ESR values are met:
COUT > IOUT MAX / (VOUT ✕ AC Load Reg ✕ fOSC)
RESR < 2 ✕ AC Load Reg ✕ VOUT/IOUT MAX
where IOUT MAX = 1A, AC Load Reg
≅ 1.4%, and
fOSC = 300kHz (MAX1684) or 600kHz (MAX1685).
Output Diode Selection
Use a 1A external Schottky diode (MBRS130LT3 or
equivalent) for the output rectifier to pass inductor cur-
rent during the start of the second half of each cycle.
This diode operates before the internal N-channel
MOSFET completely turns on and during high-current
operation. Use a Schottky diode to avoid forward bias-
ing the internal body diode of the N-channel MOSFET.
12
______________________________________________________________________________________
Sumida
847-956-0666
847-956-0702
Sprague
603-224-1961
603-224-1430
Motorola
602-303-5454
602-994-6430
DIODES
TDK
847-390-4373
847-390-4428
Murata-Erie
814-237-1431
814-238-0490
Coilcraft
847-639-6400
847-639-1469
INDUCTORS
Sanyo
619-661-6835
619-661-1055
Matsuo
714-969-2591
714-960-6492
AVX
803-946-0690
803-626-3123
FAX
CAPACITORS
PHONE
SUPPLIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com