Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1685EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1685EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1685EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1685EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = V SHDN = 6V, STBY = SYNC/PWM = CVL, VBOOT = VOUT, FB = AGND, circuit of Figure 1, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AIN to AGND ............................................................-0.3 to +15V
IN to PGND ................................................-0.3V to (VAIN + 0.3V)
LX to PGND .................................................-0.5V to (VIN + 0.3V)
PGND to AGND ..................................................................±0.3V
SHDN to AGND .........................................-0.3V to (VAIN + 0.3V)
ILIM/SS, FB, CC, BOOT, REF to AGND ....-0.3V to (VCVL + 0.3V)
CVH to IN..................................................................-6V to +0.3V
CVL, STBY, SYNC/PWM to AGND............................-0.3V to +6V
Reference Current ..............................................................±1mA
CVL Current .......................................................-1mA to +10mA
LX Peak Current (Internally Limited) .....................................2.3A
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
VFB = VOUT, ILOAD = 0 to 1A
Low-power mode, STBY = low,
VBOOT = 3.3V (Note 2)
Normal mode, SYNC/PWM = low,
VBOOT = 3.3V (Note 2)
PWM mode,
SYNC/PWM = high,
VBOOT = 3.3V
(Note 2)
SYNC/PWM = high
Low-side switch, VIN = 2.7V, ILX = 200mA
High-side switch,
ILX = 1A
VFB = VOUT, ILOAD = 0 to 1A
VIN = 5V to 14V
BOOT = AGND (Note 1)
SYNC/PWM = low
VFB = 1.4V
CONDITIONS
0.14
0.27
Quiescent Power Consumption
0.9
2
25
65
mW
13
33
mA
20
80
130
Zero Crossing Threshold
-10
50
100
V
VFB
Feedback Voltage
1.238
1.251
1.264
V
2.7
14
Input Voltage Range
A
0.15
0.4
0.9
Current Limit, N-Channel
A
1.2
1.75
2.3
ILIM
Current Limit in PWM Mode
Ω
38
On-Resistance, N-Channel
0.24
0.5
%
0.01
Output Load Regulation
A
1
Output Current Capability
V
VREF
VIN
Output Adjust Range
nA
-50
50
IFB
FB Input Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
FB = AGND, ILOAD = 0 to 1A
V
VOUT
Output Voltage (3.3V Mode)
3.296
3.333
3.368
VIN = 6V
VIN = 2.7V
Ω
0.34
0.8
On-Resistance, P-Channel
MAX1684
MAX1685
MAX1684
MAX1685
SYNC/PWM = low
mA
285
380
475
Pulse-Skipping Current Threshold
STBY = low
mA
285
380
475
ILIMLP
Current Limit in Low-Power
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com