Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8510 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP8510
Description  12-Bit Sampling A/D Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8510 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP8510 Datasheet HTML 3Page - Sipex Corporation SP8510 Datasheet HTML 4Page - Sipex Corporation SP8510 Datasheet HTML 5Page - Sipex Corporation SP8510 Datasheet HTML 6Page - Sipex Corporation SP8510 Datasheet HTML 7Page - Sipex Corporation SP8510 Datasheet HTML 8Page - Sipex Corporation SP8510 Datasheet HTML 9Page - Sipex Corporation SP8510 Datasheet HTML 10Page - Sipex Corporation SP8510 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
49
INPUT VOLTAGE RANGE AND LSB VALUES
Input Voltage Range Defined As:
±10V
±5V
Analog Input Connected to Pin
2
3
Pin Connected to AGND
3
2
One Least Significant Bit (LSB)
FSR/212
20V/212
10V/212
4.88mV
2.44mV
OUTPUT TRANSITION VALUES
FFEH TO FFFH
+ FULL SCALE
+10V–3/2LSB
+5V–3/2LSB
+9.9927V
+4.9963V
7FFH TO 800H
Mid Scale
0V–1/2LSB
0V–1/2LSB
(Bipolar Zero)
–2.44mV
–1.22mV
000H to 001H
–Full Scale
–10V+1/2LSB
–5V+1/2LSB
-9.9976V
-4.9988V
Table 2. Input Voltages, Transition Voltages and LSB Values
toggles on and off at code 1111 1111 1110
BIN =
FFE
H = 4094DEC.
±10V Range Offset and Gain
Offset — Apply 1.2622V to the
±10V input at
pin 2. Adjust the offset potentiometer until the
LSB toggles on and off at code 1001 0000
0010
BIN = 902H = 2306DEC.
Gain — Apply 9.9927V to the
±10V input at pin
2. Adjust the gain potentiometer until the LSB
toggles on and off at code 1111 1111 1110
BIN =
FFE
H = 4094DEC.
Layout Considerations
Because of the high resolution and linearity of
the SP85XX Series, system design problems
such as ground path resistance and contact resis-
tance become very important.
Calibration Procedure
Apply a precision input voltage source to your
chosen input range (
±10V range at pin 2 or ±5V
at pin 3). Set the A/D to convert continuously.
Monitor the output code. Trim the offset first,
then gain. Use the appropriate input voltages
and output target codes for your chosen input
range as follows. The recommended offset cali-
bration voltage values eliminate interaction be-
tween the offset and gain calibration
±5V Range Offset and Gain
Offset — Apply 1.5637V to the
±5V input at pin
3. Adjust the offset potentiometer until the LSB
toggles on and off at code 1010 1000 0000
BIN =
A80
H = 2688DEC.
Gain — Apply 4.9963V to the
±5V input at pin
3. Adjust the gain potentiometer until the LSB
Figure 3. a)
±10V Range b) ±5V Range — With External Trims
a)
b)
SP85XX
1
2
3
4
5
6
7
R2=100Ω
±10V
Input
GAIN ADJUST
100
Ω
10K
Ω
BIPOLAR ZERO ADJUST
R1=10KΩ
499
Ω
–15V
+5V
SP85XX
1
2
3
4
5
6
7
GAIN ADJUST
R2=100Ω
±5V
Input
R1=10KW
+5V
–15V
1K
Ω
30.1K
Ω
301
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com