Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8510 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8510
Description  12-Bit Sampling A/D Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8510 Datasheet(HTML) 5 Page - Sipex Corporation

  SP8510 Datasheet HTML 1Page - Sipex Corporation SP8510 Datasheet HTML 2Page - Sipex Corporation SP8510 Datasheet HTML 3Page - Sipex Corporation SP8510 Datasheet HTML 4Page - Sipex Corporation SP8510 Datasheet HTML 5Page - Sipex Corporation SP8510 Datasheet HTML 6Page - Sipex Corporation SP8510 Datasheet HTML 7Page - Sipex Corporation SP8510 Datasheet HTML 8Page - Sipex Corporation SP8510 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
47
edge can be used to read the data from the conver-
sion. Also, during conversion, the BUSY signal
puts the output data lines in Hi-Z states and inhibits
the input lines. This means that pulses on R/C are
ignored, so that new conversions cannot be initi-
ated during a conversion, either as a result of
spurious signals or to short-cycle the SP85XX
Series.
In the Read Mode, the input to R/C is kept nor-
mally LOW, and a HIGH pulse is used to read data
and initiate a conversion. In this mode, the rising
edge of R/C will enable the output data pins, and
the data from the previous conversion becomes
valid. The falling edge then puts the SP85XX
Series in a hold mode, and initiates a new conver-
sion.
The SP85XX Series will begin acquiring a new
sample just prior to the BUSY output rising, and
will track the input signal until the next conversion
is started.
Forusewithan8-bitbus,thedatacanbereadoutintwo
bytes under the control of HBE. With a LOW input
onHBE,attheendofaconversion,the8LSBsofdata
areloadedintotheoutputdriversonD
7 through D4 and
D
3 through D0. Taking HBE HIGH then loads the 4
MSBs on D
3 through D0, with D7 through D4 being
forced LOW.
Analog Input Ranges
The SP85XX Series offers two standard bipolar
input ranges:
±10V and ±5V. If a ±10V range is
required, the analog input signal should be con-
nected to pin 2. A signal requiring a
±5V range
should be connected to pin 3. In either case, the
other pin of the two must be grounded or connected
to the adjustment circuits described in the section
on calibration.
Controlling The SP85XX Series
The SP85XX Series can be easily interfaced to most
microprocessor-based and other digital systems. The
microprocessor may take full control of each conver-
sion, or the SP85XX Series may operate in a stand-
alone mode, controlled only by the R/C input. Full
control consists of initiating the conversion and read-
ingtheoutputdataatusercommand,transmittingdata
either all 12-bits in one parallel word, or in two 8-bit
bytes.Thethreecontrolinputs(CS,R/CandHBE)are
FEATURES...
The SP85XX Series are specified at sampling
rates of 333kHz (SP8503), 200kHz (SP8505) or
100kHz (SP8510). Conversion times are factory
set for 2.70
µs, 4.7µs and 9.7µs maximum, re-
spectively,
over temperature, and the high-
speed sampling input stage insures a total acqui-
sition and conversion time of 3
µs, 5µs and 10µs
maximum, respectively, over temperature. Pre-
cision, laser-trimmed scaling resistors provide
industry–standard input ranges of
±5V or ±10V.
The 28-pin SP85XX Series are available in
narrow body plastic DIP, and SOIC packages
and it operates from a single +5V supply.
The SP85XX Series are available in grades
specified over the 0
°C to +70°C commercial
temperature ranges.
OPERATION
Basic Operation
Figure 1 shows the simple hookup circuit required
to operate the SP85XX Series in a
±10V range in
the Convert Mode. A convert command arriving
on R/C puts the SP85XX Series in the HOLD
mode, and a conversion is started. This pulse must
be LOW for a minimum of 40ns. Because this
pulse establishes the sampling instant of the A/D,
it must have very low jitter. BUSY will be held
LOW during the conversion, and rises only after
the conversion is completed and the data has been
transferred to the output drivers. Thus, the rising
Figure 1. Basic
±10V Operation
2
3
4
5
6
7
8
9
10
11
12
13
27
26
25
24
23
22
21
20
19
18
17
16
D0
(LSB)
Busy
Convert
Command
0.1µF
6.8µF +
+5V
+5V
+5V
N.C.
BUSY
CS
R/C
HBE
D0 (LSB)
D1
D2
D3
DGND
IN 1
IN 2
VREF
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D11
(MSB)
Data
Out
Input
1
28
N.C.
N.C.
N.C.
N.C.
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com