Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8531 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8531
Description  12-Bit Sampling Serial Out Analog to Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8531 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8531 Datasheet HTML 1Page - Sipex Corporation SP8531 Datasheet HTML 2Page - Sipex Corporation SP8531 Datasheet HTML 3Page - Sipex Corporation SP8531 Datasheet HTML 4Page - Sipex Corporation SP8531 Datasheet HTML 5Page - Sipex Corporation SP8531 Datasheet HTML 6Page - Sipex Corporation SP8531 Datasheet HTML 7Page - Sipex Corporation SP8531 Datasheet HTML 8Page - Sipex Corporation SP8531 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SP8531DS/01
SP8531 12-Bit Sampling Serial Out Analog to Digital Converter
© Copyright 1999 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
(TA=+25˚C unless otherwise noted) ..............................................
VDD to DGND ............................................................. -0.3V to +7V
VDA to AGND .............................................................. -0.3V to +7V
Vin to AGND .................................................... -0.3V to VDA +0.3V
Digital Input to VSS ........................................... -0.3V to VDD+0.3V
Digital Output to VSS ........................................ -0.3V to VDD+0.3V
Operating Temp. Range
Commercial (J,K Version) ............................... 0˚C to 70˚C
Industrial (A,B Version) .............................. -40˚C to +85˚C
Storage Temperature ............................................... -65˚C to 150˚C
Lead Temperature(Solder 10 sec) ....................................... +300˚C
Power Dissipation to +70˚C ................................................ 500mW
Derate Above 70˚C ......................................................... 10mW/ ˚C
SPECIFICATIONS
Unless otherwise noted the following specifications apply for V
DD = 5V with limits applicable for TA = 25˚C.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DC Accuracy
Resolution
12
Bits
Integral Linearity
J, A
+0.6
+1.0
LSB
K ,B
+0.4
+0.75
LSB
Differential Linearity Error
J, A
+0.5
+1.0
LSB
No Missing Codes
K ,B
+0.5
+1.0
LSB
No Missing Codes
Gain Error
J, A
+0.2
+1.0
%FSR
Externally Trimmable to Zero
K,B
+0.1
+0.5
%FSR
Externally Trimmable to Zero
Offset Error
J, A
+4
+7
LSB
Externally Trimmable to Zero
K,B
+3
+5
LSB
Externally Trimmable to Zero
Analog Input
0 to 2.5
Volts
Input Impedance
600K
Ohms
4 MHz Clock Rate
Conversion Speed
Sample Time
400
ns
Conversion Time
3.75
µs
Complete Cycle
4.25
µs
Conversion
Rate:
235
KHz
Clock Speed
4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com