Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8531 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8531
Description  12-Bit Sampling Serial Out Analog to Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8531 Datasheet(HTML) 4 Page - Sipex Corporation

  SP8531 Datasheet HTML 1Page - Sipex Corporation SP8531 Datasheet HTML 2Page - Sipex Corporation SP8531 Datasheet HTML 3Page - Sipex Corporation SP8531 Datasheet HTML 4Page - Sipex Corporation SP8531 Datasheet HTML 5Page - Sipex Corporation SP8531 Datasheet HTML 6Page - Sipex Corporation SP8531 Datasheet HTML 7Page - Sipex Corporation SP8531 Datasheet HTML 8Page - Sipex Corporation SP8531 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SP8531DS/01
SP8531 12-Bit Sampling Serial Out Analog to Digital Converter
© Copyright 1999 Sipex Corporation
4
SPECIFICATIONS (continued)
Unless otherwise noted the following specifications apply for V
DD = 5V with limits applicable for TA = 25˚C.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Power Supplies
VDD
4.75
5.25
Volts
Supply Current
Operating Mode
11.5
17
mA
SD=0, VDD=+5.0V
Shutdown Mode
0.01
2
µA
SD=1, V
DD = +5.0V
Power Dissipation
Operating Mode
60
85
mW
SD=0
Shutdown Mode
0.05
10
µW
SD=1
Power Turn On
20
µS
Via Shutdown Control
to 1 LSB settling error.
Temperature Range
Commercial
0
to
+70
˚C
Industrial
-40
to
+85
˚C
Storage
-65
to
+150
˚C
(1) Data Format is 12-Bit Serial
(2) Data Coding is Binary (See Timing Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com