Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8531JS Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP8531JS
Description  12-Bit Sampling Serial Out Analog to Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8531JS Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP8531JS Datasheet HTML 8Page - Sipex Corporation SP8531JS Datasheet HTML 9Page - Sipex Corporation SP8531JS Datasheet HTML 10Page - Sipex Corporation SP8531JS Datasheet HTML 11Page - Sipex Corporation SP8531JS Datasheet HTML 12Page - Sipex Corporation SP8531JS Datasheet HTML 13Page - Sipex Corporation SP8531JS Datasheet HTML 14Page - Sipex Corporation SP8531JS Datasheet HTML 15Page - Sipex Corporation SP8531JS Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SP8531DS/01
SP8531 12-Bit Sampling Serial Out Analog to Digital Converter
© Copyright 1999 Sipex Corporation
16
ORDERING INFORMATION
Model segment
Model ..................................................... INL Linearity (LSB) ............................. Temperature Range .................................... Package Types
SP8531JN ...........................................................
±1.0 ................................................ 0˚C to +70˚C ............................... 16-pin, 0.3" Plastic DIP
SP8531JS ...........................................................
±1.0 ................................................ 0˚C to +70˚C ........................................ 16-pin, 0.3" SOIC
SP8531KN .........................................................
±0.75 ............................................... 0˚C to +70˚C ............................... 16-pin, 0.3" Plastic DIP
SP8531KS .........................................................
±0.75 ............................................... 0˚C to +70˚C ........................................ 16-pin, 0.3" SOIC
SP8531AN ..........................................................
±1.0 ............................................... -40˚C to +85˚C ............................. 16-pin, 0.3" Plastic DIP
SP8531AS ..........................................................
±1.0 ............................................... -40˚C to +85˚C ...................................... 16-pin, 0.3" SOIC
SP8531BN .........................................................
±0.75 .............................................. -40˚C to +85˚C ............................. 16-pin, 0.3" Plastic DIP
SP8531BS .........................................................
±0.75 .............................................. -40˚C to +85˚C ...................................... 16-pin, 0.3" SOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (978) 934-7500
FAX: (978) 935-7600
Far East:
JAPAN:
Nippon Sipex Corporation
Yahagi No. 2 Building
3-5-3 Uchikanda, Chiyoda-ku
Tokyo 101
TEL: 81.3.3256.0577
FAX: 81.3.3256.0621
European Sales Offices:
ENGLAND:
Sipex Corporation
2 Linden House
Turk Street
Alton Hampshire GU34 IAN
England
TEL: 44-1420-549527
FAX: 44-1420-542700
e-mail: mikeb@sipex.co.uk
GERMANY:
Sipex GmbH
Gautinger Strasse 10
82319 Starnberg
TEL: 49.81.51.89810
FAX: 49.81.51.29598
e-mail: sipex-starnberg@t-online.de
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com