Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8531JS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP8531JS
Description  12-Bit Sampling Serial Out Analog to Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8531JS Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP8531JS Datasheet HTML 2Page - Sipex Corporation SP8531JS Datasheet HTML 3Page - Sipex Corporation SP8531JS Datasheet HTML 4Page - Sipex Corporation SP8531JS Datasheet HTML 5Page - Sipex Corporation SP8531JS Datasheet HTML 6Page - Sipex Corporation SP8531JS Datasheet HTML 7Page - Sipex Corporation SP8531JS Datasheet HTML 8Page - Sipex Corporation SP8531JS Datasheet HTML 9Page - Sipex Corporation SP8531JS Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SP8531DS/01
SP8531 12-Bit Sampling Serial Out Analog to Digital Converter
© Copyright 1999 Sipex Corporation
6
Figure 1. Operating Circuit
Input Impedance
The input of the SP8531 can be modeled as a
resistor in series with a ground referenced DC
voltage source of 1.0 volt. Note that the input
resistor is a switched capacitor resistor and so its
value is inversely proportional to conversion
rate. When the ADC is in free running mode
with a 4 MHz clock applied (a conversion rate of
235 Ksps) the input resistance is nominally
600K. At a conversion rate of 117.5 Ksps the
input resistor value would double to 1.2
megohms. In order to avoid introducing an un-
adjusted gain error greater than 1 lsb, the device
must be driven by a source whose resistance is
4096 times smaller than its input impedance. At
the 4 MHz clock rate this would require a source
whose resistance was less than 146 Ohms.
Layout Considerations
Because of the high resolution and linearity of
the SP8531, system design considerations such
as ground path impedance and contact
resistance become very important.
116
GAIN ADJUST
N.C.
215
REF OUT
N.C.
314
V
IN
413
OFFSET ADJ.
AGND
512
V
DA
V
SS
611
V
DD
SCLK
710
SD
D
OUT
89
CS
STATUS
SP8531
V
IN
SHUTDOWN
CHIP SELECT
STATUS OUT
DATA OUT
CLOCK IN
10kOhms
* Optional filter capacitor is helpful in a noisy pc board application.
2kOhms
5kOhms
N.C.
+5V
0.1
µF
0.1
µF
6.8
µF
+
6.8
µF
To avoid introducing distortion when driving
the analog inputs of these devices, the source
resistance must be very low, or constant with
signal level. Note that in the operating circuit
there is no connection made between VDA
(Pin 12) and the system power supply. This is
because the analog supply pin (VDA) is
connected internally to the digital supply pin
(VDD) through a ten ohm resistor.
This ten ohm resistor when combined with a
parallel combination of 6.8
µF tantalum and
0.1
µF ceramic capacitor between VDA and
analog ground, will provide some immunity to
noise which resides on the system supply. To
maintain maximum system accuracy, the
supply connected to the VDD pin should be well
isolated from digital supplies and wide load
variations.
To limit effects of digital switching elsewhere
in a system, it often makes sense to run a
separate +5V supply conductor from the supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com