Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9502JN Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP9502JN
Description  Dual, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9502JN Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP9502JN Datasheet HTML 3Page - Sipex Corporation SP9502JN Datasheet HTML 4Page - Sipex Corporation SP9502JN Datasheet HTML 5Page - Sipex Corporation SP9502JN Datasheet HTML 6Page - Sipex Corporation SP9502JN Datasheet HTML 7Page - Sipex Corporation SP9502JN Datasheet HTML 8Page - Sipex Corporation SP9502JN Datasheet HTML 9Page - Sipex Corporation SP9502JN Datasheet HTML 10Page - Sipex Corporation SP9502JN Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SP9502DS/02
SP9502 Dual, 12-Bit, Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
7
Figure 2. Transfer Function
ZEROING DAC OUTPUTS
While keeping XFER pin high, the DAC outputs can
be set to zero volts two different ways. The first
involvestheCLRandWR2pins. Innormaloperation,
the CLR pin is tied high, thus, disabling the clear
function. By cycling WR2 and CLR through "1"—
"0"—"1" sequence, a digital code of 1000 0000 0000
iswrittentobothDACregisters,producingahalfscale
output or zero volts. The second utilizes the built in
power-on-reset. Usingthisfeature,theSP9502canbe
configured such that during power-up, the second
register will be digitally “zeroed”, producing a zero
volt output at both DAC outputs. This is achieved by
poweringtheunitupwithXFERinahighstate. Thus,
with no external circuitry, the SP9502 can be
powered up with the analog outputs at a known,
zero volt output level.
TEMPORARILY FORCING
BOTH DAC OUTPUTS TO OV
Set WR1=1, CS=1, WR2=0, XFER=0. The DAC
registers can be temporarily forced to 1000 0000
0000 by bringing the CLR pin low. This will
cause the DAC outputs to 0V, while the CLR pin
remains low. When the CLR pin is brought back
high, the digital code at the DAC registers will
again appear at the DAC's digital inputs, and the
analog outputs will return to their previous
values.
VIn
–
+
VOut
D
VOut =
–1 x VIn
D
2048
(
)
VDAC =x VIn
D
4,096
VDAC
A
CS
WR1
B1/B2
WR2
XFER
CLR
FUNCTION
0
1
1
X
X
Address DAC 1 and load input register
0
0
1
X
X
Address DAC 1 and load 4 LSBs
1
1
1
X
X
Address DAC 2 and load input register
1
0
1
X
X
Address DAC 2 and load 4 LSBs
X
**
**
X
1
Transfer data from input registers to DAC registers
X
X
X
X
1
Sets all DAC output voltages to 0V
X
1
1
X
0
0
Temporarily force both DAC output voltages to
0V, while CLR is low
X
1
XXXXX
Invalid state with any other control line active
X
X
1
XXXX
Invalid state with any other control line active
X = Don’t care; ** = Don’t care; however, CS and WR1 = 1 will inhibit changes to the input registers.
Table 2. Control Logic Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com