Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9502JN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP9502JN
Description  Dual, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9502JN Datasheet(HTML) 1 Page - Sipex Corporation

  SP9502JN Datasheet HTML 1Page - Sipex Corporation SP9502JN Datasheet HTML 2Page - Sipex Corporation SP9502JN Datasheet HTML 3Page - Sipex Corporation SP9502JN Datasheet HTML 4Page - Sipex Corporation SP9502JN Datasheet HTML 5Page - Sipex Corporation SP9502JN Datasheet HTML 6Page - Sipex Corporation SP9502JN Datasheet HTML 7Page - Sipex Corporation SP9502JN Datasheet HTML 8Page - Sipex Corporation SP9502JN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SP9502DS/02
SP9502 Dual, 12-Bit, Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
1
s Low Cost
s Two 12-bit DAC’s on a Single Chip
s Low Power — 40 mW (20mW/DAC)
s Double-Buffered Inputs
s
± 5V Supply Operation
s Voltage Outputs,
± 4.5V Range
s Midscale Preset, Zero Volts Out
s Guaranteed +0.5 LSB Max INL
s Guaranteed +0.75 LSB Max DNL
s 2 MHz 4-Quadrant Multiplying Bandwidth
s Separate Reference Inputs
s 28–pin SOIC and Plastic DIP
Packages
s Either 12 or 8 bit
µp bus
DESCRIPTION
The SP9502 is a low power, dual version of the popular SP9345, Quad 12-Bit Digital-to-Analog
Converter. It features
±4.5V output swings when using ±5 volt supplies. The converter is double-
buffered for easy microprocessor interface. Each 12-bit DAC is independently addressable and
both DACS may be simultaneously updated using a single transfer command. The output
settling-time is specified at 4
µs. The SP9502 is available in 28–pin SOIC and DIP packages,
specified over commercial temperature range.
DAC
DAC
LATCH
LATCH
LATCH
LATCH
8 MSB's
4 LSB's
Ref In
1
Ref In
2
–
+
–
+
VOUT1
VOUT2
A
CS
WR1 B1/B2 WR2 XFER CLR
CONTROL LOGIC
INPUT
REGISTERS
DAC
REGISTERS
DATA
INPUTS
SP9502
Dual, 12–Bit, Voltage Output D/A Converter
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP9502JN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500AN SIPEX-SP9500AN Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500AS SIPEX-SP9500AS Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500BN SIPEX-SP9500BN Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500BS SIPEX-SP9500BS Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
More results

Similar Description - SP9502JN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
Quad, 12-Bit, Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
Quad, 12-Bit, Low Power Voltage Output D/A Converter
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Sipex Corporation
SP9602 SIPEX-SP9602 Datasheet
194Kb / 11P
Dual, 12-Bit, Low Power Voltage Output D/A Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
11-BIT VOLTAGE OUTPUT D/A CONVERTER
7/89,Rev.B1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com