Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9501 Datasheet (PDF) - Sipex Corporation

SP9501 Datasheet PDF - Sipex Corporation
Part # SP9501
Download  SP9501 Download
File Size   159.73 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit, Voltage Output D/A Converter

SP9501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP9501 Datasheet PDF - Sipex Corporation

Part # SP9501
Download  SP9501 Click to download

File Size   159.73 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit, Voltage Output D/A Converter

SP9501 Datasheet (HTML) - Sipex Corporation


SP9501 Product details

DESCRIPTION…
The SP9501 is a low power 12-Bit Digital-to-Analog Converter. It features ±4.5V output swings when using ±5 volt supplies. The converter uses a standard 3–wire serial interface compatible with SPI™, QSPI™ and Microwire™. The output settling-time is specified at 4µs. The SP9501 is available in 8–pin 0.15" SOIC and DIP packages, specified over commercial and industrial temperature ranges.

■ Low Power – 16mW
■ Voltage Output, ±4.5V range
■ Midscale Preset, Zero Volts Out
■ 2MHz Multiplying Bandwidth (4-Quadrant)
■ Standard 3-Wire Serial Interface
■ 8–pin (0.15") SOIC and Plastic DIP Packages
■ ±5V supply operation




Similar Part No. - SP9501

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500AN SIPEX-SP9500AN Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500AS SIPEX-SP9500AS Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500BN SIPEX-SP9500BN Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500BS SIPEX-SP9500BS Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
More results


Similar Description - SP9501

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
Quad, 12-Bit, Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
Quad, 12-Bit, Low Power Voltage Output D/A Converter
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Sipex Corporation
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
Dual, 12-Bit, Voltage Output D/A Converter
SP9602 SIPEX-SP9602 Datasheet
194Kb / 11P
Dual, 12-Bit, Low Power Voltage Output D/A Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
11-BIT VOLTAGE OUTPUT D/A CONVERTER
7/89,Rev.B1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com