Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet (PDF) - Sipex Corporation

SP9504 Datasheet PDF - Sipex Corporation
Part # SP9504
Download  SP9504 Download
File Size   184.83 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Quad, 12-Bit, Voltage Output D/A Converter

SP9504 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP9504 Datasheet PDF - Sipex Corporation

Part # SP9504
Download  SP9504 Click to download

File Size   184.83 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Quad, 12-Bit, Voltage Output D/A Converter

SP9504 Datasheet (HTML) - Sipex Corporation


SP9504 Product details

DESCRIPTION
The SP9504 is a low power replacement for the popular SP9345, Quad 12-Bit Digital-to-Analog Converter. It features +4.5V output swings when using ±5 volt supplies. The converter is double buffered for easy microprocessor interface. Each 12-bit DAC is independently addressable and all DACS may be simultaneously updated using a single transfer command. The output settling time is specified at 4µs. The SP9504 is available in 28–pin SOIC and plastic DIP packages, specified over commercial temperature range.

■ Low Cost
■ Four 12–Bit DAC’s on a Single Chip
■ Low Power — 80 mW (20mW/DAC)
■ Double-Buffered Inputs
■ ± 5V Supply Operation
■ Voltage Outputs, ±4.5V Range
■ Midscale Preset, Zero Volts Out
■ Guaranteed +0.5 LSB Max INL
■ Guaranteed +0.75 LSB Max DNL
■ 2MHz 4-Quadrant Multiplying Bandwidth
■ 28–pin SOIC and Plastic DIP Packages
■ Either 12 or 8 bit µP bus




Similar Part No. - SP9504

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500AN SIPEX-SP9500AN Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500AS SIPEX-SP9500AS Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500BN SIPEX-SP9500BN Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9500BS SIPEX-SP9500BS Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
More results


Similar Description - SP9504

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
Quad, 12-Bit, Low Power Voltage Output D/A Converter
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
Quad 12-Bit D/A Converter
logo
Maxim Integrated Produc...
MAX526 MAXIM-MAX526 Datasheet
625Kb / 16P
Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
logo
Sipex Corporation
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
Dual, 12-Bit, Voltage Output D/A Converter
logo
Analog Devices
5962-8850902XA AD-5962-8850902XA Datasheet
1Mb / 3P
Quad 12-Bit Microprocessor Compatible D/A Converter
REV. A
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
Quad 12-Bit D/A Converter
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com