Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP9504
Description  Quad, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9504 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP9504 Datasheet HTML 3Page - Sipex Corporation SP9504 Datasheet HTML 4Page - Sipex Corporation SP9504 Datasheet HTML 5Page - Sipex Corporation SP9504 Datasheet HTML 6Page - Sipex Corporation SP9504 Datasheet HTML 7Page - Sipex Corporation SP9504 Datasheet HTML 8Page - Sipex Corporation SP9504 Datasheet HTML 9Page - Sipex Corporation SP9504 Datasheet HTML 10Page - Sipex Corporation SP9504 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SP9504DS/03
SP9504 Quad, 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
9
D
D1 = 0.005" min.
(0.127 min.)
E
PACKAGE: PLASTIC
DUAL–IN–LINE
(WIDE)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A = 0.25" max.
(6.350 max).
E1
C
Ø
L
A2
A1 = 0.015" min.
(0.381min.)
B
B1
e = 0.100 BSC
(2.540 BSC)
eA = 0.600 BSC
(15.240 BSC)
A2
B
B1
C
D
E
E1
L
Ø
40–PIN
0.125/0.195
(3.175/4.953)
0.014/0.022
(0.366/0.559)
0.030/0.070
(0.762/1.778)
0.008/0.015
(0.203/0.381)
1.980/2.095
(50.29/53.21)
0.600/0.625
(15.24/15.87)
0.485/0.580
(12.31/14.73)
0.115/0.200
(2.921/5.080)
0°/ 15°
(0°/15°)
48–PIN
0.125/0.195
(3.175/4.953)
0.014/0.022
(0.366/0.559)
0.030/0.070
(0.762/1.778)
0.008/0.015
(0.203/0.381)
2.385/2.480
(60.57/62.99)
0.600/0.625
(15.24/15.87)
0.485/0.580
(12.31/14.73)
0.115/0.200
(2.921/5.080)
0°/ 15°
(0°/15°)
24–PIN
0.125/0.195
(3.175/4.953)
0.014/0.022
(0.366/0.559
0.030/0.070
(0.762/1.778)
0.008/0.015
(0.203/0.381)
1.150/1.290
(29.21/32.76)
0.600/0.625
(15.24/15.87)
0.485/0.580
(12.31/14.73)
0.115/0.200
(2.921/5.080)
0°/ 15°
(0°/15°)
28–PIN
0.125/0.195
(3.175/4.953)
0.014/0.022
(0.366/0.559
0.030/0.070
(0.762/1.778)
0.008/0.015
(0.203/0.381)
1.380/1.565
(35.05/39.75)
0.600/0.625
(15.24/15.87)
0.485/0.580
(12.31/14.73)
0.115/0.200
(2.921/5.080)
0°/ 15°
(0°/15°)
32–PIN
0.125/0.195
(3.175/4.953)
0.014/0.022
(0.366/0.559
0.030/0.070
(0.762/1.778)
0.008/0.015
(0.203/0.381)
1.645/1.655
(41.78/42.04)
0.600/0.625
(15.24/15.87)
0.485/0.580
(12.31/14.73)
0.115/0.200
(2.921/5.080)
0°/ 15°
(0°/15°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com