Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP9504
Description  Quad, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9504 Datasheet(HTML) 4 Page - Sipex Corporation

  SP9504 Datasheet HTML 1Page - Sipex Corporation SP9504 Datasheet HTML 2Page - Sipex Corporation SP9504 Datasheet HTML 3Page - Sipex Corporation SP9504 Datasheet HTML 4Page - Sipex Corporation SP9504 Datasheet HTML 5Page - Sipex Corporation SP9504 Datasheet HTML 6Page - Sipex Corporation SP9504 Datasheet HTML 7Page - Sipex Corporation SP9504 Datasheet HTML 8Page - Sipex Corporation SP9504 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SP9504DS/03
SP9504 Quad, 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
4
PINOUT — 28–PIN PLASTIC DIP & SOIC
VOUT4
VSS
VDD
CLR
REF IN
GND
B1/B2
A0
A1
XFER
WR2
WR1
CS
VOUT1
VOUT3
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SP9504
PIN ASSIGNMENTS
Pin 1 — V
OUT 4 — Voltage Output from DAC4.
Pin 2 — V
SS — –5V Power Supply Input.
Pin 3 — V
DD — +5V Power Supply Input.
Pin 4 — CLR — Clear. Gated with WR2 (pin
11). Active low. Clears all DAC outputs to 0V.
Pin 5 — REF IN — Reference Input for DACs.
Pin 6 — GND — Ground.
Pin 7 — B1/B2 — Byte 1/Byte 2 — Selects
Data Input Format. A logic “1” on pin 7 selects
the 12–bit mode, and all 12 data bits are pre-
sented to the DAC(s) unchanged; a logic “0”
selects the 8–bit mode, and the four LSBs are
connected to the four MSBs, allowing an 8–bit
MSB–justified interface.
Pins 8 and 9 — A
0 & A1
— Address for DAC
Selection. A
1/A0 = 0/0 = DAC1; 0/1 = DAC2; 1/
0 = DAC3; 1/1 = DAC4.
Pin 10 — XFER — Transfer. Gated with WR2
(pin 11); loads all DAC registers simultaneously.
Active low.
Pin 11 — WR2 — Write Input 2 — In conjunc-
tion with XFER (pin 10), controls the transfer of
data from the input registers to the DAC regis-
ters. In conjunction with CLR (pin 4), the DAC
registers are forced to 1000 0000 0000 and the
DAC outputs will settle to 0V. Active low.
Pin 12 — WR1 — Write Input1 — In conjunc-
tion with CS (pin 13), enables input register
selection, and controls the transfer of data from
the input bus to the input registers. Active low.
Pin 13 — CS — Chip Select — Enables writing data
to input registers and/or transferring data from input
bus to DAC registers. Active low.
Pin 14 — V
OUT1 — Voltage Output from DAC1.
Pin 15 — V
OUT2 — Voltage Output from DAC2.
Pin 16 — DB
11 — Data Bit 11; Most Significant Bit.
Pin 17 — DB
10 — Data Bit 10.
Pin 18 — DB
9 — Data Bit 9.
Pin 19 — DB
8 — Data Bit 8.
Pin 20 — DB
7 — Data Bit 7.
Pin 21 — DB
6 — Data Bit 6.
Pin 22 — DB
5 — Data Bit 5.
Pin 23 — DB
4 — Data Bit 4.
Pin 24 — DB
3 — Data Bit 3.
Pin 25 — DB
2 — Data Bit 2.
Pin 26 — DB
1 — Data Bit 1.
Pin 27 — DB
0 — Data Bit 0; LSB
Pin 28 — V
OUT3 — Voltage Output from DAC3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com