Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP9504
Description  Quad, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9504 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP9504 Datasheet HTML 3Page - Sipex Corporation SP9504 Datasheet HTML 4Page - Sipex Corporation SP9504 Datasheet HTML 5Page - Sipex Corporation SP9504 Datasheet HTML 6Page - Sipex Corporation SP9504 Datasheet HTML 7Page - Sipex Corporation SP9504 Datasheet HTML 8Page - Sipex Corporation SP9504 Datasheet HTML 9Page - Sipex Corporation SP9504 Datasheet HTML 10Page - Sipex Corporation SP9504 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SP9504DS/03
SP9504 Quad, 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
8
Figure 4. Timing
Figure 3. Latch Control Options — (a) Semi–Transparent Latch Mode; (b) Fully–Transparent Latch Mode
on-reset. Using this feature, the SP9504 can be
configured such that during power-up, the
second register will be digitally “zeroed”,
producing a zero volt output at each of the four
DAC outputs. This is achieved by powering the
unit up with XFER in a high state. Thus, with no
external circuitry, the SP9504 can be powered
up with the analog outputs at a known, zero volt
output level.
TEMPORARILY FORCING
ALL DAC OUTPUTS TO 0V
Set WR1=1, CS=1, WR2=0, XFER=0. The DAC
registers can be temporarily forced to 1000 0000
0000 by bringing the CLR pin low. This will
force the DAC outputs to 0V, while the CLR pin
remains low. When the CLR pin is brought back
high, the digital code at the DAC registers will
again appear at the DAC's digital inputs, and the
analog outputs will return to their previousvalues.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT4
VSS
VDD
CLR
REF IN
GND
B1/B2
A0
A1
XFER
WR2
WR1
CS
VOUT1
VOUT3
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
(MSB) DB11
VOUT2
SP9504
+5V –5V
12–Bit
Data
Bus
VOUT4
VOUT3
VOUT1
VOUT2
+3V
Reference
GND
Address
Decode &
Control
DAC Strobe
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT4
VSS
VDD
CLR
REF IN
GND
B1/B2
A0
A1
XFER
WR2
WR1
CS
VOUT1
VOUT3
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
(MSB) DB11
VOUT2
SP9504
+5V –5V
12–Bit
Data
Bus
VOUT4
VOUT3
VOUT1
VOUT2
+3V
Reference
GND
Address
Decode &
Control
(a)
(b)
H
L
H
L
H
L
CLR
XFER
WR2
140ns, t
H
L
H
L
H
L
WR2
CS
WR1
140ns, t
Data Transfer from
Input Register to DAC's
Loads Input Data to
First Set of Latches
WR
XFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com