Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9504
Description  Quad, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9504 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9504 Datasheet HTML 1Page - Sipex Corporation SP9504 Datasheet HTML 2Page - Sipex Corporation SP9504 Datasheet HTML 3Page - Sipex Corporation SP9504 Datasheet HTML 4Page - Sipex Corporation SP9504 Datasheet HTML 5Page - Sipex Corporation SP9504 Datasheet HTML 6Page - Sipex Corporation SP9504 Datasheet HTML 7Page - Sipex Corporation SP9504 Datasheet HTML 8Page - Sipex Corporation SP9504 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SP9504DS/03
SP9504 Quad, 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
5
FEATURES
The SP9504 is a low–power replacement for the
popular SP9345, Quad 12-Bit Digital-to-Analog
Converter. This Quad, Voltage Output, 12-Bit Digi-
tal-to-AnalogConverterfeatures
±4.5Voutputswings
whenusing
±5voltsupplies.Theinputcodingformat
used is standard offset binary, Table 1.
The converterutilizesdouble-bufferingoneachofthe
12 parallel digital inputs, for easy microprocessor
interface. Each 12-bit DAC is independently addres-
sable and all DACS may be simultaneously updated
using a single XFER command. The output settling-
time is specified at 4
µs to full 12–bit accuracy when
driving a 5Kohm, 50pF load combination. The
SP9504,Quad12-BitDigital-to-AnalogConverteris
ideally suited for applications such as ATE, process
controllers,robotics,andinstrumentation. TheSP9504
is available in 28–pin plastic DIP or SOIC packages,
specified over the commercial (0
°C to +70°C)
temperature range.
THEORY OF OPERATION
The SP9504 consists of five main functional blocks
—inputdatamultiplexer,dataregisters,controllogic,
four 12-bit D/A converters, and four bipolar output
voltage amplifiers. The input data multiplexer is
designed to interface to either 12- or 8-bit micropro-
cessordatabusses. Theinputdataformatiscontrolled
by the B1/B2 signal — a logic “1” selects the 12-bit
mode, while a logic “0” selects the 8-bit mode. In the
12-bitmodethedataistransferredtotheinputregisters
without changes in its format. In the 8-bit mode, the
four least significant bits (LSBs) are connected to the
four most significant bits (MSBs), allowing an 8-bit
MSB-justified interface. All data inputs are enabled
using the CS signal in both modes. The digital inputs
are designed to be both TTL and 5V CMOS compat-
ible.
InordertoreducetheDACfullscaleoutputsensitivity
to the large weighting of the MSB’s found in conven-
tionalR-2Rresistorladders,the3MSB’saredecoded
into 8 equally weighted levels. This reduces the
contribution of each bit by a factor of 4, thus, reducing
the output sensitivity to mismatches in resistors and
switches by the same amount. Linearity errors and
stability are both improved for the same reasons.
Each D/A converter is separated from the data bus by
two registers,eachconsistingoflevel-triggeredlatches,
Figure 1. The first register (input register) is 12-bits
wide. The input register is selected by the address
input A
0 and A1, and is enabled by the CS and WR1
signals. In the 8-bit mode, the enable signal to the 8
MSB’s is disabled by a logic low on B1/B2 to allow
the 4 LSB’s to be updated. The second register (DAC
register), accepts the decoded 3 MSB’s plus the 9
LSB’s. The four DAC registers are updated simulta-
neously for all DAC’s using the XFER and WR2
signals. Using the CLR and WR2 signals or the
power-on-reset,(enabledwhenthepowerisswitched
on) the DAC registers are set to 1000 0000 0000 and
the DAC outputs will settle to 0V.
Usingthecontrollogicinputs,theuserhasfullcontrol
of address decoding, chip enable, data transfer and
clearing of the DAC’s. The control logic inputs are
level triggered, and like the data inputs, are TTL and
CMOS compatible. The truth table (Table 2) shows
the appropriate functions associated with the states of
the control logic inputs.
The DACs themselves are implemented with a preci-
sion thin–film resistor network and CMOS transmis-
sion gate switches. Each D/A converter is used to
convert the 12–bit input from its DAC register to a
precision voltage.
The bipolar voltage output of the SP9504 is created
on-chip from the DAC Voltage Output (V
DAC) by
using an operational amplifier and two feedback
resistors connected as shown in Figure 2. This
configuration produces a +4.5V bipolar output range
with standard offset binary coding.
INPUT
OUTPUT
MSB
LSB
1111
1111
1111
VREF - 1 LSB
1111
1111
1110
VREF - 2 LSB
1000
0000
0001
0 + 1 LSB
1000
0000
0000
0
0000
0000
0001
-VREF + 1 LSB
0000
0000
0000
-VREF
1 LSB =
Table 1. Offset Binary Coding
2V
REF
2 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com