Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP9504
Description  Quad, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9504 Datasheet(HTML) 2 Page - Sipex Corporation

  SP9504 Datasheet HTML 1Page - Sipex Corporation SP9504 Datasheet HTML 2Page - Sipex Corporation SP9504 Datasheet HTML 3Page - Sipex Corporation SP9504 Datasheet HTML 4Page - Sipex Corporation SP9504 Datasheet HTML 5Page - Sipex Corporation SP9504 Datasheet HTML 6Page - Sipex Corporation SP9504 Datasheet HTML 7Page - Sipex Corporation SP9504 Datasheet HTML 8Page - Sipex Corporation SP9504 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SP9504DS/03
SP9504 Quad, 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
DD - GND .................................................................... -0.3V, +6.0V
V
SS - GND .................................................................... +0.3V, -6.0V
V
DD - VSS
......................................................................................................................
-0.3V, +12.0V
V
REF ..................................................................................... VSS, VDD
D
IN ....................................................................................... VSS, VDD
Power Dissipation
Plastic DIP .......................................................................... 375mW
(derate 7mW/
°C above +70°C)
Small Outline ...................................................................... 375mW
(derate 7mW/˚C above +70˚C)
SPECIFICATIONS
(Typical at 25˚C;T
MIN ≤ TA≤TM AX; VDD = +5V, VSS = -5V, VREF = +3V; CMOS logic level digital inputs; specifications apply to all grades unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DIGITAL INPUTS
Logic Levels
V
IH
2.4
Volts
V
IL
0.8
Volts
4 Quad, Bipolar Coding
Offset Binary
REFERENCE INPUT
Voltage Range
+3
+4.5
Volts
Note 5
Input Resistance
1.5
2.2
k
D
IN = 1,877; code dependent
ANALOG OUTPUT
Gain
–K
+0.5
+2.0
LSB
V
REF = +3V; Note 3
–J
+1.0
+4.0
LSB
V
REF = +3V; Note 3
–K, –J
+1.0
+5.0
LSB
V
REF = +4.5V; Note 3
Initial Offset Bipolar
+0.25
+3.0
LSB
D
IN = 2,048
Voltage Range Bipolar
+3.0
+4.5
Volts
Output Current
+5.0
mA
V
REF = +3V
+0.5
mA
V
REF = +4.5V
STATIC PERFORMANCE
Resolution
12
Bits
Integral Linearity
–K
+0.25
+0.5
LSB
V
REF = +3V; Note 3
–J
+0.5
+1.0
LSB
V
REF = +3V; Note 3
–K, –J
+0.5
+3.0
LSB
V
REF = +4.5V; Note 3
Differential Linearity
-K
+0.25
+0.75
LSB
-J
+0.25
+1.0
LSB
Monotonicity
Guaranteed
DYNAMIC PERFORMANCE
Multiplying Bandwidth
2
MHz
Settling Time
Small Signal
0.5
µs
to 0.012%
Full Scale
4
µs
to 0.012%
Slew Rate
4
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com