Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9504 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP9504
Description  Quad, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9504 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP9504 Datasheet HTML 3Page - Sipex Corporation SP9504 Datasheet HTML 4Page - Sipex Corporation SP9504 Datasheet HTML 5Page - Sipex Corporation SP9504 Datasheet HTML 6Page - Sipex Corporation SP9504 Datasheet HTML 7Page - Sipex Corporation SP9504 Datasheet HTML 8Page - Sipex Corporation SP9504 Datasheet HTML 9Page - Sipex Corporation SP9504 Datasheet HTML 10Page - Sipex Corporation SP9504 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SP9504DS/03
SP9504 Quad, 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
11
ORDERING INFORMATION
Model
Temperature Range
Package
Monolithic 12-Bit Quad DAC Voltage Output:
SP9504JP .................................................................................. 0˚C to +70˚C ...................................................................... 28-pin, 0.6" Plastic DIP
SP9504KP ................................................................................. 0˚C to +70˚C ...................................................................... 28-pin, 0.6" Plastic DIP
SP9504JS .................................................................................. 0˚C to +70˚C ............................................................................. 28–pin, 0.35" SOIC
SP9504KS ................................................................................. 0˚C to +70˚C ............................................................................. 28–pin, 0.35" SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com