Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9602 Datasheet (PDF) - Sipex Corporation

SP9602 Datasheet PDF - Sipex Corporation
Part # SP9602
Download  SP9602 Download
File Size   194.01 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Dual, 12-Bit, Low Power Voltage Output D/A Converter

SP9602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP9602 Datasheet PDF - Sipex Corporation

Part # SP9602
Download  SP9602 Click to download

File Size   194.01 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Dual, 12-Bit, Low Power Voltage Output D/A Converter

SP9602 Datasheet (HTML) - Sipex Corporation


SP9602 Product details

DESCRIPTION
The SP9602 is a low power, dual 12–Bit Digital-to-Analog Converter. It features +4.5V output swings when using +5 volt supplies. The converter is double-buffered for easy microprocessor interface. Each 12–Bit DAC is independently addressable and both DACS may be simultaneously updated using a single transfer command. The output settling-time is specified at 30µs. The SP9602 is available in 28–pin SOIC and plastic DIP packages, specified over commercial temperature range.

■ Low Cost
■ Two 12–Bit DAC’s on a Single Chip
■ Very Low Power — 16 mW (8mW/DAC)
■ Double-Buffered Inputs
■ ± 5V Supply Operation
■ Voltage Outputs, ± 4.5V Range
■ Midscale Preset, Zero Volts Out
■ Guaranteed +0.5 LSB Max INL
■ Guaranteed +0.75 LSB Max DNL
■ 250kHz 4-Quadrant Multiplying Bandwidth
■ Separate Reference Inputs
■ 28–pin SOIC and Plastic DIP Packages
■ Either 12 or 8 bit µp bus




Similar Part No. - SP9602

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600AN SIPEX-SP9600AN Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600AS SIPEX-SP9600AS Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600BN SIPEX-SP9600BN Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600BS SIPEX-SP9600BS Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
More results


Similar Description - SP9602

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
Quad, 12-Bit, Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
Quad, 12-Bit, Low Power Voltage Output D/A Converter
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Sipex Corporation
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
Dual, 12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD370 AD-AD370_15 Datasheet
1Mb / 5P
COMPLETE LOW POWER 12 BIT D/A CONVERTER
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com