Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9501 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP9501
Description  12-Bit, Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9501 Datasheet(HTML) 3 Page - Sipex Corporation

  SP9501 Datasheet HTML 1Page - Sipex Corporation SP9501 Datasheet HTML 2Page - Sipex Corporation SP9501 Datasheet HTML 3Page - Sipex Corporation SP9501 Datasheet HTML 4Page - Sipex Corporation SP9501 Datasheet HTML 5Page - Sipex Corporation SP9501 Datasheet HTML 6Page - Sipex Corporation SP9501 Datasheet HTML 7Page - Sipex Corporation SP9501 Datasheet HTML 8Page - Sipex Corporation SP9501 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SP9501DS/02
SP9501 12-Bit, Low-Power Voltage Output
© Copyright 2000 Sipex Corporation
3
SPECIFICATIONS (continued)
(Typical at 25˚C; T
MIN ≤ TA ≤ TMAX; VDD = +5V, VSS = –5V, VREF = +3V; CMOS logic level digital inputs; specifications apply to all grades unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
POWER REQUIREMENTS
Note 5
V
DD
+5V,
±3%; Note 4, 5
–J, –K
1.6
2.3
mA
–A, –B
1.6
2.9
mA
V
SS
-5V,
±3%; Note 4, 5
–J, –K
1.6
2.3
mA
–A, –B
1.6
2.9
mA
Power Dissipation
16
mW
SWITCHING
CHARACTERISTICS
CS Setup Time
(t
CSS)25
ns
SCLK Fall to CS Fall
Hold Time
(t
CSH0)20
ns
SCLK Fall to CS Rise
Hold Time
(t
CSH1)0
ns
SCLK High Width
(t
CH)40
ns
SCLK Low Width
(t
CL)40
ns
DIN Setup Time
(t
DS)50
ns
DIN Hold Time
(t
DH)0
ns
CS High Pulse Width
(t
CSW)30
ns
ENVIRONMENTAL AND
MECHANICAL
Operating Temperature
–J, –K
0
+70
°C
–A, –B
–40
+85
°C
Storage
–60
+150
°C
Package
–_N
8-pin Plastic DIP
–_S
8-pin 0.15" SOIC
Notes:
1.
Integral Linearity, for the SP9501, is measured as the arithmetic mean value of the magnitudes of the
greatest positive deviation and the greatest negative deviation from the theoretical value for any given
input condition.
2.
Differential Linearity is the deviation of an output step from the theoretical value of 1 LSB for any two
adjacent digital input codes.
3.
1 LSB = 2*V
REF/4,096.
4.
V
REF = 0V.
5.
The following power up sequence is recommended: VSS (-5V), Vdd (+5V), VREF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com