Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64893AFP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M64893AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Pin description
Symbol
f in
GND
Vcc1
Vcc2
BS4
BS3
BS2
BS1
Vin
Vtu
Vcc3
LD/ f test
CLOCK
DATA
ENABLE
X in
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Pin name
Prescaler input
GND
Power supply voltage 1
Power supply voltage 2
Band switching
outputs
Filter input
(Charge pump output)
Tuning output
Power supply voltage 3
Lock detect/ Test port
Clock input
Data input
Enable input
This is connected to the
crystal oscillator.
Function
Input for the VCO frequency.
Ground to 0V.
Power supply voltage terminal. 5.0 ±0.5V
Power supply for band switching,Vcc1 to 13.2V
PNP open collector method is used.
When the band switching data is "H",the output is ON.
When it is "L",the output is OFF.
This is the output terminal for the LPF input and charge
pump output. When the phase of the programmable divider
output ( f 1/N) is ahead compared to the reference
frequency (fref), the "source" current state becomes active.
If it is behind, the "sink" current becomes active.
If the phases are the same, the high impedance state
becomes active.
This supplies the tuning voltage.
Power supply voltage for tuning voltage 28 to 35V
When 19 bit data is input,lock detector is output.
When 27 bit data is input, lock detector is output,
the programmable freq. Divider output and reference freq.
Output is selected by the test mode.
Data is read into the shift register when the clock signal falls.
Input for band SW and programmable freq. divider set up.
This is normally at a "L". When this is at "H", data and clock
signals are received. Data is read into the latch when the 19th
pulse of the clock signal falls.
4.0MHz crystal oscillator is connected.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com