Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64893AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M64893AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Description
The M64893AFP/AGP is a semiconductor integrated
circuit consisting of PLL frequency synthesizer for
TV/VCR using Bip process. It contains the prescaler with
operating up to1.3GHz,4 band drivers and Op.Amp for
direct tuning.
Features
4 integrated PNP band drivers
(Io=40mA,Vsat=0.2V typ@Vcc1 to 13.2V )
Built-in Op.Amp for direct tuning voltage
output (33V)
Low power dissipation (Icc=20mA,Vcc1=5V)
Built-in prescaler with input amplifier
(Fmax=1.3GHz)
PLL lock/unlock status display out put
(Built-in pull up resistor )
X`tal 4MHz is used to realize 1 type of tuning
steps (Division ratio 1/640)
Serial data input (3 wire bus )
Built-in
Power on reset system
Small Package(16SOP/16SSOP)
Application
TV,VCR tuners
Recommended operating condition
Supply voltage range
• • Vcc1=4.5 to 5.5V
Vcc2=Vcc1 to 13.2V
Vcc3=28 to 35V
Rated supply voltage
• • Vcc1=5.0V
Vcc2=12V
Vcc3=33V
Function
1/32,1/33 dual-modulus prescaler
4MHz crystal oscillator,reference divider
Programmable divider
(10-bit M counter,5-bit S counter)
Tri-state
phase comparator
Lock detector
Band switch driver
Op. Amp for direct tuning
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
16
9
10
11
12
13
14
15
OUTLINE 16P2S/16P2Z
PRESCALER INPUT
fin
GND
GND
SUPPLY VOLTAGE 2
Vcc2
SUPPLY VOLTAGE 1
Vcc1
BAND SWITCHING
OUTPUTS
BS4
BS3
BS2
BS1
Xin
ENA
ENABLE INPUT
DATA
DATA INPUT
CLK
CLOCK INPUT
LD/ f test LD/ f test OUTPUT
Vcc3
SUPPLY VOLTAGE 3
Vtu
TUNING OUTPUT
Vin
FILTER INPUT
CRYSTAL
OSCILLATOR
fIN
GND
Vcc1
Vcc2
BS4
BS3
BS2
BS1
Block diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1/32,1/33
1/8
OSC
19-BIT SHIFT
RESISTER LATCH
10-BIT M COUNTER
5-BIT S COUNTER
Bias
BAND DRIVER
P.O.
reset
10
5
4
XIN
ENA DATA
CLK
LD/
f test
Vcc3
Vtu
Vin
Vcc1
DIVIDER
LOCK
DETECTOR
PHASE
DETECTOR
CHARGE
PUMP
16P2Z
16P2S
New Product
1


Similar Part No. - M64893AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
More results

Similar Description - M64893AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Mitsubishi Electric Sem...
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
Serial Input PLL Frequency Synthesizer for TV/VCR
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com