Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS8613AMDA0ES Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PFS8613AMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PFS8613AMDA0ES Datasheet(HTML) 2 Page - NXP Semiconductors

  PFS8613AMDA0ES Datasheet HTML 1Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 2Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 3Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 4Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 5Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 6Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 7Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 8Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
• LDO2: Medium voltage LDO regulator for MCU I/O and system peripheral support
– Configurable output voltage from 1.1 V to 5.0 V and current capability up to 400 mA
DC
System support
• 2x input pins for wake-up detection, 3.3 V compatible and battery voltage sensing
capability
• Analog Multiplexer with full System Voltages monitoring
• Enhanced leader/follower power up sequencing management thru XFAILB pin
• 10 ms optional RSTB release delay during power up for certain MCU compliancy
• Device control via 32 bits I2C interface with 8-bit CRC
Compliancy
• EMC optimization techniques on switching regulators including spread spectrum, slew
rate control and manual frequency tuning
• EMI robustness supporting various automotive EMI Test standards
• Conducted Emission: IEC 61967-4
• Conducted Immunity: IEC 62132-4
• Radiated emission: FMC1278 rev. 3 from 2018
• Radiated immunity: FMC1278 from 2018 and ISO11452-4
Functional Safety
• Scalable portfolio to fit for ASIL B to ASIL D Automotive Safety Systems
• Independent voltage Monitoring Circuitry
• Up to 10 voltage monitoring input for FS86 and external PMIC voltage rails with 1 %
target accuracy
• Dedicated interface for MCU monitoring with simple or challenger watchdog monitoring
• MCU hardware failure monitoring with PWM monitoring capability
• External IC failure monitoring
• Logical and Analog Built-in Self-Test
• Safety Outputs with latent fault detection mechanism (PGOOD, RSTB, FS0B)
Configuration and Enablement
• QFN 48 pins with exposed pad for optimized thermal management
• OTP programming for device customization
3 Applications
• Domain controller (ADAS, electrification, Infotainment, etc.)
• Radar (radar, imaging radar)
• Vision (mono camera, stereo camera, night vision, etc.)
• 24 V battery network (60 V maximum): Truck, bus, transportation
• 12 V battery network (36 V maximum): Automotive
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product short data sheet
Rev. 1.1 — 23 November 2021
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com