Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS8613AMDA0ES Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PFS8613AMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PFS8613AMDA0ES Datasheet(HTML) 1 Page - NXP Semiconductors

  PFS8613AMDA0ES Datasheet HTML 1Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 2Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 3Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 4Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 5Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 6Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 7Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 8Page - NXP Semiconductors PFS8613AMDA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1.1 — 23 November 2021
Product short data sheet
1 General description
The FS86 device family, SW compatible with FS84/85 family, expands the power
capability, the safety integration and system scalability of domain controller applications
to address the multiple MCU requirements present in ADAS and Electrification.
The FS86 includes multiple switch mode and linear voltage regulators and enhanced
safety features with Fail-Safe outputs. The latest NXP HV Buck architecture features
a 15 A capability with e-fuse protection to shut down the system power to prevent
any damage in case of a harmful event. The ability to monitor ten voltages with
+/-1% accuracy extends the system safety concept by allowing QM rails from others
components to be monitored.
With its innovative synchronization feature, the FS86 is part of the BYLink System
Power Platform, enabling a new smart approach to designing Safe System Power
Management. It provides power, safety and system scalability to ease platform
development strategies. Cascaded system SBC/PMICs behave as ONE with safety and
sequencing synchronization.
The FS86 is part of a complete family of devices that offer scalability in power and safety,
and provide pin-to-pin and software compatibility. It is developed in compliance with the
ISO 26262 standard and is qualified according to AEC-Q100 requirements.
2 Features and benefits
Operating Range
• 60 V DC maximum input voltage for 24 V battery network applications
• 36 V DC maximum input voltage for 12 V battery network applications
• Support operating voltage range down to 4.5 V battery voltage with VPRE = 3.3 V
• Low Power OFF mode with low sleep current (10 µA typ.)
Power Supplies
• VPRE: Synchronous high voltage buck controller with external FETs
– Configurable output voltage from 3.3 V to 5.0 V and current capability up to 15 A DC
– Selectable switching frequency in force PWM with APS
• BOOST: Low voltage boost converter with integrated low-side FET
– Configurable output voltage from 5 V to 6 V and current capability up to 1 A DC
• BUCK: Low voltage integrated synchronous BUCK converter
– Configurable output voltage from 1.0 V to 3.3 V and current capability up to 2.5 A DC
• LDO1: Low voltage LDO regulator for MCU I/O and system peripheral support with load
switch capability
– Configurable output voltage from 1.5 V to 5.0 V and current capability up to 400 mA
DC


Similar Part No. - PFS8613AMDA0ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PFS8613AMDA0ES NXP-PFS8613AMDA0ES Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
More results

Similar Description - PFS8613AMDA0ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
PF5030_SDS NXP-PF5030_SDS Datasheet
354Kb / 20P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1 - 22 November 2022
FS8600_SDS NXP-FS8600_SDS_V01 Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
PF5030_SDS NXP-PF5030_SDS_V01 Datasheet
394Kb / 21P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2 - 17 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com