Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9842 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 15Page - Sipex Corporation SP9842 Datasheet HTML 16Page - Sipex Corporation SP9842 Datasheet HTML 17Page - Sipex Corporation SP9842 Datasheet HTML 18Page - Sipex Corporation SP9842 Datasheet HTML 19Page - Sipex Corporation SP9842 Datasheet HTML 20Page - Sipex Corporation SP9842 Datasheet HTML 21Page - Sipex Corporation SP9842 Datasheet HTML 22Page - Sipex Corporation SP9842 Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
285
is requested, feedback within the op amp circuit
will force internal nodes to the rails, while the
output will remain saturated near this minimum
value. Non–saturated monotonic behavior returns
between 25mV and 100mV at the output, but full
open loop gain and linearity are not apparent until
the output voltage is nearly 100mV above the
negative supply. Applications which require good
linearity for codes near zero should drive the V
REFL
input at least 100mV above the ground pin, as this
insures that the output voltage will not go below
100mV for any legal input voltage. Two–quadrant
applications (programmable gain/attenuator) usually
biasV
REFL up at system pseudoground, well above this
saturation region, and therefore maintain linearity
even at high attenuations (i.e. at code 1).
The allowable, useful values of V
IN(X) and VREFL are
limited if a legal output value is to be expected for all
inputcodes.Atmaximumgain(DACcode255)V
OUT
isapproximatelyequalto2V
IN(X) – VREFL. By solving
thisequationtwice,oncewithV
OUT set to 0V, and then
again with Vout set to V
DD–1.5V, the chart of Figure
3a results. This chart can be used to find the maximal
V
IN(X) voltage excursions for any given voltage
driven into V
REFL. The upper line plots the maximum
voltage at V
IN(X) and the lower line plots the mini-
mum voltage at V
IN(X) at each value of VREFL drive.
Normal operation would be for V
IN(X) anywhere
between the two lines. For example, assume a 4.75V
supply voltage, and that the DAC code is set to 255. If
V
REFL is driven to 1.6V, VIN(X) below 0.8V would
require the output amplifier to swing below ground.
V
IN(X) above 2.425V would require output voltages
greater than V
DD – 1.5V, or 3.25V.
Figure 3b shows the limits on V
IN when the mini-
mumV
OUT is constrained to be greater than 100mV,
for extremely linear operation, even at DAC code
1. In this case, the lower line is 50mV above its
position in Figure 3a, except that below V
REFL =
100mV, the minimum input voltage stays at
100mV. It should be noted that V
IN(X) can always
be driven to or slightly beyond the supply rails
withoutharm.Undersuchcircumstances,theDAC
code can always be set to provide sufficient attenu-
ation to get an undistorted output.
Driving the Reference Inputs
The V
IN inputs exhibit a code–dependent input resis-
tance, as shown in the specifications. In general, these
inputs should be driven by an amplifier capable of
handling the specified load resistance and capaci-
tance. The reference inputs are useful for both ac and
dcinputsources.However,seriesresistanceintothese
pins will degrade the linearity of the DAC. A series
resistance of 50 Ohms can cause up to 0.5LSB of
additional integral linearity degradation for codes
near full scale, due to the code–dependent input
current dropping across this error resistance. AC–
coupled applications should use the largest capacitor
value (lowest series resistance) which is practical, or,
use an external buffer to drive the inputs.
The DAC switches function in a break–before–make
manner in order to minimize current spikes at the
reference inputs. As previously noted, the reference
inputs can withstand driving voltages slightly beyond
the power supply rails without harm. The gain of 2 at
the op amps limits the choice of V
IN/VREFL combina-
tions if clipping is to be avoided at the higher codes.
Output Considerations
Each DAC output amplifier can easily drive 1Kohm
loads in parallel with 15pF at its rated slew rate. The
uniqueBiCMOSamplifierdesignalsoensuresstabil-
ity into heavily capacitive loads — up to 47,000pF.
Undertheseconditions,theslewratewillbelimitedby
the instantaneous current available for charging the
capacitance—theslewratewillbeseverelydegraded,
and some damped ringing will occur. Especially
under heavy capacitive loading, a large, low imped-
ance local bypass capacitor will be required. A
0.047
µF ceramic in parallel with a low–ESR 2.2 to
10
µFtantalumarerecommendedforworst–caseloads.
The amplifier outputs can withstand momentary
shorts to V
DD or ground. Continuous short circuit
operation can result in thermally induced damage,
and should be avoided.
If the input reference voltage is reduced to 0.6V, then
both the amplifier and DAC are functional at room
temperatureatsupplyvoltagesaslowas2.5V.AtV
DD
= 2.7V, power dissipation is 9.3mW typical, with the
serialclockat4MHz,or7.0mWtypicalwiththeserial
clock gated off.
Interfacing to the SP9841/SP9842
A simple serial interface, similar to that used in a
74HC594 shift–register with output latch, has been
implemented in these products. A serial clock is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com