Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9842 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 3 Page - Sipex Corporation

  SP9842 Datasheet HTML 1Page - Sipex Corporation SP9842 Datasheet HTML 2Page - Sipex Corporation SP9842 Datasheet HTML 3Page - Sipex Corporation SP9842 Datasheet HTML 4Page - Sipex Corporation SP9842 Datasheet HTML 5Page - Sipex Corporation SP9842 Datasheet HTML 6Page - Sipex Corporation SP9842 Datasheet HTML 7Page - Sipex Corporation SP9842 Datasheet HTML 8Page - Sipex Corporation SP9842 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
269
SPECIFICATIONS (continued)
(V
DD = +5V, All VINX= +1.625V, VREFL = 0V, TA = 25° C for commercial–grade parts;
T
MIN ≤ TA =
T
MAX for industrial–grade parts; specifications apply to
all DAC's unless noted otherwise.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DYNAMIC PERFORMANCE
SINAD
85
dB
V
INX = 0.8VDC + 1.4V p-p
D= FF
H; 1kHz, fLP = 80 kHz
Digital Crosstalk
6
nVs
SP9842 only; measured
between adjacent channels of
same pair; D = 7F
H to 80H
DAC OUTPUTS
Voltage Range
0
V
DD–1.5
V
R
L = 5kΩ; VDD = 4.75V
Output Current
±10
±15
mA
∆V
OUT < 10mV, VINX=1.625V,
PR = LOW
Capacitive Load
47,000
pF
No Oscillation
DIGITAL OUTPUT
Logic High
3.5
V
I
OH = -0.4mA
Logic Low
0.4
V
I
OL = 1.6mA
POWER REQUIREMENTS
Power Supply Range
4.75
5.00
5.25
V
To rated specifications
Positive Supply Current
13
mA
PR = LOW
Power Dissipation
65
mW
ENVIRONMENTAL AND MECHANICAL
Operating Temperature Range
Commercial
0
+70
°C
Industrial
–40
+85
°C
Storage Temperature Range
–65
+150
°C
Package
SP9841N
24–pin Plastic DIP
SP9841S
24–pin SOIC
SP9842S
20–pin SOIC
Note 3
Notes:
1
The op amp limits the linearity for V
OUT ≤ 100mV. When VREFL is driven above ground such that the
output voltage remains above 100mV, then the linearity specifications apply to all codes. For V
REFL =
GND, V
IN = 1.5V, codes 0 through 7 are not included in differential or integral linearity tests. Integral
and differential linearity are computed with respect to the best fit straight line through codes 8
through 255.
2
SP9841 is measured between adjacent channels, f = 100kHz; SP9842 is measured between
adjacent pairs, f = 100kHz.
3
For plastic DIP packaging of SP9842, please consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com