Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW50N06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW50N06
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW50N06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW50N06 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAMWIN
SW50N06
REV2.1
05.07.21
4/6
Fig 7. Breakdown Voltage Variation vs.
Junction Temperature
Fig 8. On-Resistance Variation vs.
Junction Temperature
Fig 11. Transient Thermal Response Curve
Fig 10. Maximum Drain Current
Vs. Case Temperature
Fig9. Maximum Safe Operating
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note:
1.V
GS
=0V
2.I
D
=250uA
T
J
,Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
D = 0 .5
0 .2
0 .1
0 .01
0 .02
0 .05
N o te:
1 .Z
JC
(t)= 1 .42
o C /w M ax
2 .D u ty F ac to r , D = t1 / t2
3 .T j-T c =P
DM
* Z
JC
(t)
S IN G L E P U L SE
t
1
,S q ua r e W a v e P u l s e D u r a t io n ( s e c)
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note:
1.V
GS
=10V
2.I
D
=25A
T
J
,Junction Temperature[
oC]
25
50
75
100
125
150
0
10
20
30
40
50
T
c
,Case Temperature [
oC]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
V
D
,Drain-Source Voltage[V]
Operation In This Area
Limted By R
DS(ON)
DC
10ms
1ms
100us
Note:
1.Tc=25 C
2.Tj=150 C
3.Single Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com