Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW50N06 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SW50N06
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW50N06 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SW50N06 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW50N06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAMWIN
SW50N06
REV2.1
05.07.21
5/6
Time
V
DS(t)
Q
gd
Qgs
VGS
10V
Charge
Qg
DUT
1mA
Same Type
as DUT
200nF
50K
300nF
V
GS
V
DS
Fig 12. Gate Charge test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching test Circuit & Waveforms
Fig 13. Switching test Circuit & Waveforms
V
DD
(0.5 rated V
DS)
VDS
Vin
90%
10%
t
d(on)
t
r
t
on
t
d(off)
t
f
t
off
V
DS
10V
R
G
DUT
RL
Pulse
Generator
V
DD
t
p
V
DS
L
R
G
DUT
10V
BV
DSS
I
AS
I
D(t)
V
DD
EAS= ---L
LIAS
2
---------------
BV
DSS
BV
DSS-VDD
1
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com