Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

782851202 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 782851202
Description  WE-CBA SMD EMI Suppression Ferrite Bead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

782851202 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  782851202 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.8
1.7
1.6
1.5
1.4
1.3
1.2
REV
2014-03-11
2013-12-19
2013-12-04
2013-04-10
2013-03-06
2013-02-14
2012-12-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
BMoe
SSt
BMoe
SSt
SSt
SSt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CBA SMD EMI Suppression Ferrite
Bead
Order.- No.
782851202
SIZE
A4
Size: 0805
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Properties:
Properties
Impedance
Maximum Impedance
Rated Current
DC Resistance
Type
Test conditions
100 MHz
100 MHz
ΔT = 20K
@ 20°C
Z
Z
IR
RDC
Value
2200
2200
200
0.45
High Speed
Unit
Ω
Ω
mA
Ω
Tol.
±25%
typ.
max.
max.
E General information:
Do not use this part beyond the Rated Current, as this will create
excessive heat and can harm the component
•Ambient temperature: -55°C to +85°C/ +105°C (refering to IR)
•Operating temperature: -55°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
•AEC-Q 200 qualified
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 782851202

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782851212 WURTH-782851212 Datasheet
591Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
More results

Similar Description - 782851202

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782853561 WURTH-782853561 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782763102 WURTH-782763102 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782422102 WURTH-782422102 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782422601 WURTH-782422601 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782423100 WURTH-782423100 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782631101 WURTH-782631101 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782631331 WURTH-782631331 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782633620 WURTH-782633620 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782851102 WURTH-782851102 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782422331 WURTH-782422331 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com