Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

782851202 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 782851202
Description  WE-CBA SMD EMI Suppression Ferrite Bead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

782851202 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  782851202 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 782851202 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.8
1.7
1.6
1.5
1.4
1.3
1.2
REV
2014-03-11
2013-12-19
2013-12-04
2013-04-10
2013-03-06
2013-02-14
2012-12-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
BMoe
SSt
BMoe
SSt
SSt
SSt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CBA SMD EMI Suppression Ferrite
Bead
Order.- No.
782851202
SIZE
A4
Size: 0805
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
30 seconds
6°C/ second max.
8 minutes max.
Sn-Pb Assembly
100°C
150°C
60-120 seconds
3°C/ second max.
183°C
60-150 seconds
See table H3
20 seconds
6°C/ second max.
6 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Sn-Pb Assembly
Sn-Pb Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
> 2.5 mm
< 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
235°C
220°C
Volume mm³
>350
220°C
220°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com