Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWCSD3018UBK Datasheet(PDF) 4 Page - Hammond Manufacturing Ltd.

Part # HWCSD3018UBK
Description  Swing-Out Sectional Wall Mount Rack Cabinet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HWCSD3018UBK Datasheet(HTML) 4 Page - Hammond Manufacturing Ltd.

  HWCSD3018UBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. HWCSD3018UBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. HWCSD3018UBK Datasheet HTML 3Page - Hammond Manufacturing Ltd. HWCSD3018UBK Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1/9/22, 3:21 PM
Swing-Out Sectional Wall Mount Rack Cabinet (HWC Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/wall-mount/hwc
4/4
Data subject to change without notice
Optional Doors
Compatible with Cabinet
Solid
64% Vented
Tinted Window
Height
Width
12U
24
HWCSD2412UBK
HWCVD2412UBK
HWCWD2412UBK
18U
24
HWCSD2418UBK
HWCVD2418UBK
HWCWD2418UBK
27U
24
HWCSD2427UBK
HWCVD2427UBK
HWCWD2427UBK
12U
30
HWCSD3012UBK
HWCVD3012UBK
HWCWD3012UBK
18U
30
HWCSD3018UBK
HWCVD3018UBK
HWCWD3018UBK
27U
30
HWCSD3027UBK
HWCVD3027UBK
HWCWD3027UBK
Optional Additional Mounting Rails
Compatible with Cabinet
Tapped 10-32
Square Hole
Height
Width
12U
24
URR12U
-
18U
24
URR18U
-
27U
24
URR27U
-
12U
30
HWC3012UTR
HWC3012USR
18U
30
HWC3018UTR
HWC3018USR
27U
30
HWC3027UTR
HWC3027USR
Tags: Sectional Wall Mount Rack, Pivoting Rack, Data Wall Cabinet, Dual Hinge, Hinged Swing Gate,
Edge Computing
© 2022. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com