Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWCSD3018UBK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # HWCSD3018UBK
Description  Swing-Out Sectional Wall Mount Rack Cabinet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HWCSD3018UBK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  HWCSD3018UBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. HWCSD3018UBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. HWCSD3018UBK Datasheet HTML 3Page - Hammond Manufacturing Ltd. HWCSD3018UBK Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/9/22, 3:21 PM
Swing-Out Sectional Wall Mount Rack Cabinet (HWC Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/wall-mount/hwc
1/4
Swing-Out Sectional Wall Mount Rack Cabinet HWC Series
UL2416 rated for up to 350 lbs (158 kg). Static Load tested to 1,400 lbs (635 kg).
Looking for a dust-tight cabinet? Add a solid or window door along with the HWCF
Cabinet Sealing and Filter Kit.
Features
Available in three (3) heights, two (2) widths and two (2) depths.
Optional locking doors are constructed in 16-gauge steel. The door installs in minutes and
is available in the vented, tinted window and solid options.
The main body is constructed in 16-gauge welded steel and includes four (4) vents for
optional fans on the sides of the cabinet.
The main body can be installed to swing from left-to-right or right-to-left.
Includes one (1) pair of adjustable depth 10-32 tapped EIA compliant mounting rack rails.
Thirty (30) inch wide mounting rails include cutouts for optional 1U 19"
accessories, such as cable management or power bars.
10-32 tapped rails are easy to remove on-site and replace with square hole rails
(sold separately) if needed.
Includes starter pack of SCREW1032-50 screws.
Rear Section Features
The heavy-duty rear bracket is constructed in 14-gauge welded steel and features a
spring-hinge pin for easy installation and removal.
2.50” and 2.00” conduit knockouts are located on the side.
3.00", 2.00”, 1.38” and 1.12” conduit knockouts are located on the top and bottom.
Fan knockouts/cable access is located on the top and bottom.
Numerous cable management mounting points are included.
Heavy-duty keyhole for wall mounting.
Large openings in the rear for cable access.
Dedicated bonding and grounding points that also provide drill-less mounting of electrical
utility boxes. Ground Cable Kit sold separately.
Specifications
UL Listed 2416 load rated for up to 350 lbs (158 kg). Static Load tested to 1,400 lbs (635
kg).
Rugged sand-textured black powder paint reduces fingerprints and marks.
Meets PCI DSS (Payment Card Industry Data Security Standard)
compliance requirements, when the door is installed.
TAA compliant for GSA Schedule purchases.
RoHS Compliant.
Manufactured in North America within an ISO 9001:2015 certified facility.
Gallery
Quality Products. Service Excellence.


Similar Part No. - HWCSD3018UBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HWCSD3018UBK HAMMOND-HWCSD3018UBK Datasheet
110Kb / 2P
HWC Locking Door HWCD Series
1/12/22
More results

Similar Description - HWCSD3018UBK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW6U TRIPPLITE-SRW6U Datasheet
524Kb / 3P
SmartRack 6U Wall-Mount Standard-Depth Rack Enclosure Cabinet, Black
SRW6UW TRIPPLITE-SRW6UW Datasheet
530Kb / 3P
SmartRack 6U Wall-Mount Standard-Depth Rack Enclosure Cabinet, White
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW10US TRIPPLITE-SRW10US Datasheet
509Kb / 3P
SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW12UHD TRIPPLITE-SRW12UHD Datasheet
547Kb / 2P
SmartRack 12U Heavy-Duty Side-Mount Wall-Mount Rack Enclosure Cabinet
SRW18US TRIPPLITE-SRW18US Datasheet
505Kb / 3P
SmartRack 18U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US13 TRIPPLITE-SRW18US13 Datasheet
522Kb / 2P
SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
logo
Hammond Manufacturing L...
HWFWD3036UWH HAMMOND-HWFWD3036UWH Datasheet
335Kb / 3P
Swing-Out Wall Mount and Floor Rack Cabinet
5/1/22
logo
Kendall Howard
1915-3-100-08 KENDALLHOWARD-1915-3-100-08 Datasheet
362Kb / 1P
SECURITY WALL MOUNT CABINET
3130-3-001-06 KENDALLHOWARD-3130-3-001-06 Datasheet
474Kb / 1P
LINIER SWING OUT WALL MOUNT CABINETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com