Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-ENZ Datasheet(PDF) 15 Page - Analog Devices

Part # EV-RPG2-ENZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ENZ Datasheet(HTML) 15 Page - Analog Devices

Back Button EV-RPG2-ENZ Datasheet HTML 11Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 12Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 13Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 14Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 15Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 16Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 17Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 18Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 21
►
RREQ is only related to read operations. RREQ is not related
to write operations in any form. RREQ may go active (high)
anytime, including during a write operation.
See Figure 9 for a sample SPI transaction.
For the busy signal, there are some values that can be expected
regarding the timing of these signals (see Table 13).
The data detailed in Table 13 was gathered empirically and other
factors, such as the application processor code and environment,
can influence these numbers.
An example of a write transaction and a read transaction with
actual data is shown in Figure 10 and Figure 11, respectively.
The transaction is an NI_Discover message with the UI_EchoReq
and UI_EchoRes message, which is detailed in the code for the
ni-api-srv found in the NI-Example-App workspace in the Developer
Portal.
Figure 9. Sample SPI Transaction
Table 13. SPI Timing Requirements
Parameter
Minimum (μs)
Maximum (μs)
BUSY Activation Time, tBUSY_ACTIVATION
1.14
27.04
BUSY Active Time, tBUSY_ACTIVE
3.34
33.04
Wrap-Up Time, tWRAP_UP
4.48
36.16
Figure 10. General and Specific SPI Write Example
Figure 11. General and Specific SPI Read Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com