Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-ENZ Datasheet(PDF) 18 Page - Analog Devices

Part # EV-RPG2-ENZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ENZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EV-RPG2-ENZ Datasheet HTML 13Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 14Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 15Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 16Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 17Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 18Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 19Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 20Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 21
INDUSTRIAL ETHERNET MOD AND NET LEDS
LED behavior is specified by each protocol. The functionality of
the MOD and NET LEDs, shown as LED1 and LED2 in Table 16
vary depending on the industrial Ethernet protocol selected. This
functionality is described in the RPG2 Hardware Design Integration
Guide.
PROGRAMMING
The secure methods of updating the module are through the follow-
ing:
►
The industrial Ethernet ports via a webserver interface described
in the RPG2 Web Server User Guide.
►
A JTAG connection, which is described further in the RPG2
Programming Guide.
If the ADIN2299 schematic is implemented directly on the customer
board as a reference design instead of purchasing a module, the
only option for programming is through a JTAG connection using
the Segger toolchain. Note that a serial wire debug connection
is not supported. See the RPG2 Programming Guide for more
information.
APPLICATION CIRCUIT SUPPORT CIRCUITRY
Table 16 lists the required external components in the ADIN2299
application circuit, as shown in Figure 16.
Table 16. External Components
Component
Value
Recommended Component
Manufacturer
Manufacturer Part Number1
Notes/Comments
Capacitors
Decoupling for 3.3 V
47 μF
User specified
User specified
It is recommended to decouple each voltage rail with 47
μF, 0.1 μF, and 4.7 μF capacitors. These are at a 20%
tolerance.
0.1 μF
User specified
User specified
4.7 μF
User specified
User specified
LEDs
LED1 and LED2
Kingbright
KPBA-3010ESGC
Dual color, green and red.
Transient Voltage Suppressor
(TVS) Diodes
Littelfuse
SP0504SHTG
Each device incorporates multiple 5.5 V clamping, 8.5 V
reverse standoff diodes to provide electrostatic discharge
(ESD) protection. One TVS device is required per Ethernet
port, and two are required per ADIN2299 application circuit.
Resistors
470 Ω
LED current limit.
Other Components
Ferrite Bead
Murata
BLM15EG121SN1D
1.5 A, 120 Ω at 100 MHz.
MagJack
Wurth
7499010121A
RJ-45 connector with integrated magnetics and LEDs.
Reset Supervisor
Analog Devices
AMD708SARZ
2.9 V power monitoring reset supervisor chip.
1 Use the recommended components or ones that are similar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com