Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-ECZ Datasheet(PDF) 4 Page - Analog Devices

Part # EV-RPG2-ECZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ECZ Datasheet(HTML) 4 Page - Analog Devices

  EV-RPG2-ECZ Datasheet HTML 1Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 2Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 3Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 4Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 5Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 6Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 7Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 8Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
ADIN2299
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 21
Supply voltage (VDD) = 3.3 V ± 5%, GND = 0 V, all specifications at TA = –40°C to +85°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER CONSUMPTION
Supply Current 100Base-TX, Static
172
mA
At TA = 25°C, idle
Power 100Base-TX, Static
568
mW
At TA = 25°C, idle, not including light emitting diode (LED)
sink and source current
Supply Current 100Base-TX, Full Activity1
225
mA
At TA = 25°C, 100% data throughput, full activity
Power 100Base-TX, Full Activity1
743
mW
At TA = 25°C, 100% data throughput, full activity, not
including LED sink and source current
DIGITAL INPUTS AND OUTPUTS
3.3 V Low Voltage Complementary Metal Oxide
Semiconductor (LVCMOS)
Input Voltage
Low (VIL)
0.8
V
High (VIH)
2.0
V
Output Voltage
Low (VOL)
0.4
V
Output low current (IOL) = 2 mA minimum
High (VOH)
2.4
V
Output high current (IOH) = 2 mA minimum
LED OUTPUTS
Output Drive Current
4
mA
Sink current, applies to MOD_LED1, MOD_LED2,
NET_LED1, and NET_LED2
8
mA
Sink current, applies to P1_ACTIVITY, P2_ACTIVITY,
P1_LINK_STATUS, and P2_LINK_STATUS
1 Guaranteed by design and characterization.
PROTOCOL SPECIFIC CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BRIDGE DELAY
Switch and PHY latency included, from simulation
EtherCAT1
1
µs
EtherNet/IP
3
µs
PROFINET RT
2
µs
ETHERCAT
Cyclic Input and Output Data2
1440
Bytes
Up to 1440 bytes can be supported
Cycle Time
0.4
ms
8 bytes of output data and 6 bytes of input data used for
this test, Ethernet applications processor interface
ETHERNET/IP
Cyclic Input and Output Data2
504
Bytes
More cyclic input and output data up to 1440 bytes can be
supported with multiple connections
Packet Interval
2
ms
Beacon Interval
0.2
1000
ms
Cycle Time
1
ms
64 bytes of cyclic output data and 64 bytes of cyclic input
data used for this test, Ethernet applications processor
interface
PROFINET RT
Cyclic Input and Output Data2
1440
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com