Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-ECZ Datasheet(PDF) 5 Page - Analog Devices

Part # EV-RPG2-ECZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ECZ Datasheet(HTML) 5 Page - Analog Devices

  EV-RPG2-ECZ Datasheet HTML 1Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 2Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 3Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 4Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 5Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 6Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 7Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 8Page - Analog Devices EV-RPG2-ECZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADIN2299
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 21
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Cycle Time
1
ms
8 bytes of cyclic input and output data, Ethernet
applications processor interface
1 Guaranteed by design and characterization.
2 Cycle times vary based on protocol, link type, and application data.
TIMING CHARACTERISTICS
10 Mbps and 100 Mbps Ethernet MAC Interface Timing
Table 3 through Table 5 and Figure 2 through Figure 4 describe the Ethernet MAC applications processor, interface controller, timing
specifications. Note that the externally generated Ethernet MAC clock is fREFCLKEXT, and the internal system clock is fSYSCLK. To calculate the
externally generated Ethernet MAC clock timing and the internal system clock timing, use the following equations:
tREFCLKEXT = 1/fREFCLKEXT
tSYSCLK = 1/fSYSCLK
Table 3. 10 Mbps and 100 Mbps Ethernet MAC Reduced Media Independent Interface (RMII) Receive Signal Timing
Parameter
Min
Max
Unit
fREFCLKEXT
ETH0_REFCLK Frequency
50
MHz
tREFCLK
ETH0_REFCLK Period1
tREFCLKEXT – 1%
ns
tREFCLKW
ETH0_REFCLK Width1
tREFCLKEXT × 35%
tREFCLKEXT × 65%
ns
tREFCLKIS
Receive Input Valid to RMII ETH0_REFCLK Rising Edge (Data In Setup)
4
ns
tREFCLKIH
RMII ETH0_REFCLK Rising Edge to Receive Input Invalid (Data In Hold)
2.0
ns
1 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty-cycle variation or jitter.
Figure 2. RMII Receive Timing
Table 4. 10 Mbps and 100 Mbps Ethernet MAC RMII Transmit Signal Timing
Parameter
Min
Max
Unit
tREFCLKOV
RMII ETH0_REFCLK Rising Edge to Transmit Output Valid (Data Out Valid)
14
ns
tREFCLKOH
RMII ETH0_REFCLK Rising Edge to Transmit Output Valid (Data Out Hold)
2
ns
Figure 3. RMII Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com