Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRPM080 Datasheet(PDF) 3 Page - Schneider Electric

Part # TPRPM080
Description  Power interface module, TeSys island, 80A AC-1, 80A AC-3, 37kW / 50hp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRPM080 Datasheet(HTML) 3 Page - Schneider Electric

  TPRPM080 Datasheet HTML 1Page - Schneider Electric TPRPM080 Datasheet HTML 2Page - Schneider Electric TPRPM080 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fire resistance
1760 °F (960 °C) UL 94
1562 °F (850 °C) IEC 60695-2-1
1202 °F (650 °C) IEC 60695-2-12
Shock resistance
15 gn 11 ms) IEC 60068-2-27
Vibration resistance
1.5 mm peak to peak 3…13 Hz) IEC 60068-2-6
1 gn 13…200 Hz) IEC 60068-2-6
Electromagnetic compatibility
Electrostatic discharge immunity test, level 3 8 kV air, 6 kV contact)EN/IEC 61000-4-2)
Radiated RF field immunity test, level 3 10 V/m)EN/IEC 61000-4-3)
Fast transient immunity test, level 4 4 kV)EN/IEC 61000-4-4)
Surge immunity test, level 3 2 kV)EN/IEC 61000-4-5)
Surge immunity test, level 4 4 kV)EN/IEC 61000-4-5)
Conducted RF disturbance immunity test 20 V)EN/IEC 61000-4-6)
Ordering and shipping details
Category
22352-TESYS ISLAND LOAD CONTROLLERS
Discount Schedule
I12
GTIN
3606489832865
Nbr. of units in pkg.
1
Package weight(Lbs)
17.46 oz (495.0 g)
Returnability
No
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.56 in (6.5 cm)
Package 1 width
5.31 in (13.5 cm)
Package 1 Length
6.69 in (17 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
8
Package 2 Weight
9.46 lb(US) (4.292 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Halogen content performance
Halogen free plastic parts product
May 9, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com