Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRPM080 Datasheet(PDF) 1 Page - Schneider Electric

Part # TPRPM080
Description  Power interface module, TeSys island, 80A AC-1, 80A AC-3, 37kW / 50hp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRPM080 Datasheet(HTML) 1 Page - Schneider Electric

  TPRPM080 Datasheet HTML 1Page - Schneider Electric TPRPM080 Datasheet HTML 2Page - Schneider Electric TPRPM080 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Power interface module, TeSys
island, 80A AC-1, 80A AC-3, 37kW /
50hp
TPRPM080
Product availability : Stock - Normally stocked in distribution
facility
Price* : 490.00 USD
Main
Range of Product
TeSys
Product name
TeSys island
Device short name
TPRPM
Product or Component Type
Power module
Device presentation
Power module connected to an automation controller through a bus coupler
Operational only when connected to a bus coupler
Function Available
Upstream voltage presence detection
Electronic thermal overload protection
Monitoring of currents
Control of third party power devices when associated to TPRDG IO module
Product compatibility
TPRBC bus coupler
TPRDG digital IO module
TPRAN analog IO module
Poles description
3P
Motor power kW
22 kW 230 V AC 50 Hz
37 kW 380...415 V AC 50 Hz
37 kW 440 V AC 50 Hz
37 kW 500 V AC 50 Hz
37 kW 690 V AC 50 Hz
Motor power HP (UL / CSA)
5 hp 120 V at AC 60 Hz for 1 phase
10 hp 240 V at AC 60 Hz for 1 phase
20 hp 208 V at AC 60 Hz for 3 phase
20 hp 240 V at AC 60 Hz for 3 phase
40 hp 480 V at AC 60 Hz for 3 phase
50 hp 600 V at AC 60 Hz for 3 phase
[Ue] rated operational voltage
<= 690 V AC 47...63 Hz
[Ie] rated operational current
80 A 122 °F (50 °C)) <= 440 V AC-3
80 A 122 °F (50 °C)) <= 440 V AC-1
[Ith] conventional free air
thermal current
80 A 122 °F (50 °C)
[Ui] rated insulation voltage
690 V IEC 60947-4-1
600 V UL 60947-4-1
600 V CSA C22.2 No 60947-4-1
[Uimp] rated impulse withstand
voltage
6 kV
Overvoltage category
III
Thermal protection adjustment
range
4…80 A
Thermal overload class
Class 5…30
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 9, 2022
1


Similar Part No. - TPRPM080

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TPRPM009 SCHNEIDER-TPRPM009 Datasheet
121Kb / 3P
Power interface module, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
May 9, 2022
TPRPM038 SCHNEIDER-TPRPM038 Datasheet
121Kb / 3P
Power interface module, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
More results

Similar Description - TPRPM080

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TPRPM009 SCHNEIDER-TPRPM009 Datasheet
121Kb / 3P
Power interface module, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
May 9, 2022
TPRPM038 SCHNEIDER-TPRPM038 Datasheet
121Kb / 3P
Power interface module, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
TPRSM001 SCHNEIDER-TPRSM001 Datasheet
106Kb / 3P
SIL interface module, TeSys island
May 9, 2022
TPRSS065 SCHNEIDER-TPRSS065 Datasheet
123Kb / 4P
Direct online SIL starter, TeSys island, 80A AC-1, 65A AC-3, 30kW / 40hp
May 9, 2022
TPRSS080 SCHNEIDER-TPRSS080 Datasheet
123Kb / 4P
Direct online SIL starter, TeSys island, 80A AC-1, 66A AC-3, 37kW / 40hp
May 9, 2022
TPRST025 SCHNEIDER-TPRST025 Datasheet
125Kb / 4P
Direct online starter, TeSys island, 30A AC-1, 25A AC-3, 11kW / 15hp
May 9, 2022
TPRST038 SCHNEIDER-TPRST038 Datasheet
119Kb / 4P
Direct online starter, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
TPRST065 SCHNEIDER-TPRST065 Datasheet
122Kb / 4P
Direct online starter, TeSys island, 80A AC-1, 65A AC-3, 30kW / 40hp
May 9, 2022
TPRST080 SCHNEIDER-TPRST080 Datasheet
122Kb / 4P
Direct online starter, TeSys island, 80A AC-1, 66A AC-3, 37kW / 40hp
May 9, 2022
TPRVM001 SCHNEIDER-TPRVM001 Datasheet
106Kb / 3P
Voltage interface module, TeSys island
May 9, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com