Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4324D Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4324D
Description  10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4324D Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4324D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4324D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4324D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4324D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4324D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4324D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4324D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
Free Running
@ 15mA Load
Current Command=0 Volts
@ 5mA Load
@ 5mA Load
Pin 22 1.92K
Ω to GND
Whole Bridge
All Switches off, 100V,150°C
@ 5 Amps, 150°C Junction
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
2,5
TA=TC=+125°C
3,6
TA=TC=-55°C
Measurements do not include offset current at 0V current command.
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
This is to be used for MOSET thermal calculations only.
INPUT CURRENT
+15 VIN
-15 VIN
PWM Clock Frequency
CLOCK SYNC INPUT
VIL
VIH
Duty Cycle
Sync Frequency
LOGIC INPUTS (Hall A,B,C,Brake,60°/120°,DIS)
VIL
VIH
REFERENCE
ANALOG SECTION
Current Command Input Range
Current Command Input Current
Transconductance
Offset Current
Current Monitor
Current Motor Voltage Swing
Error Amp
E/A OUT Voltage Swing
Slew Rate
Gain Bandwidth Product
Large Signal Voltage Swing
Current Limit Adjust
OUTPUT SECTION
Voltage Drop Across Bridge
(1 Upper & 1 Lower)
Leakage Current
trr
Dead Time
Drain-Source On Resistance
High Voltage Supply
Current Command Input
Logic Inputs
REFOUT External Load
E/A OUT External Load
Clock SYNC Input
Continuous Output Current
Continuous Output Current @ 125°C Case
Peak Output Current
200V
±13.5V
-0.2V to REFOUT
15 mA
5 mA
-0.2V to +15V
10 Amps
5 Amps
15 Amps
2
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
0.5°C/W
-65°C to +150°C
+300°C
-40°C to +85°C
-55°C to +125°C
+150°C
R
θJC
TST
TLD
TC
TJ
Parameter
Units
MSK 4324H/E
Test Conditions
mA
mA
mA
mA
mA
mA
KHz
KHz
V
V
%
KHz
V
V
V
V
mA
A/V
A/V
mA
V/A
V/A
V
V
V/µsec
MHz
V/mV
Amps
V
V
mA
nsec
µsec
Ω
Min.
Typ.
Max.
-
-
-
-
-
-
14
14
-
12.5
10
Clock+0
-
3.0
5.82
-13.5
-
0.90
0.85
-25
0.90
0.85
-12
-12
6.8
-
175
4
-
-
-
-
-
-
89
83
106
24
26
23
17
17
-
-
-
-
-
-
6.25
-
-
1.0
1.0
0
1.0
1.0
-
-
8
6.5
275
5
-
-
-
220
3
-
150
150
150
60
60
60
20
20
2.5
-
90
Clock+3
0.8
-
6.57
+13.5
1.5
1.1
1.15
+25
1.1
1.15
+12
+12
-
-
-
6
TBD
TBD
1
330
-
0.151
1
2
3
4
5
6
7
8
NOTES:
MSK 4324
Min.
Typ.
Max.
-
-
-
-
-
-
14
-
-
12.5
10
Clock+0
-
3.0
5.82
-13.5
-
0.85
-
-50
0.85
-
-12
-12
6.8
-
175
4
-
-
-
-
-
-
89
-
-
24
-
-
17
-
-
-
-
-
-
-
6.25
-
-
1.0
-
0
1.0
-
-
-
8
6.5
275
5
-
-
-
220
3
-
150
-
-
60
-
-
20
-
2.5
-
90
Clock+3
0.8
-
6.57
+13.5
1.5
1.15
-
+50
1.15
-
+12
+12
-
-
-
6
TBD
-
1
330
-
0.151
1
2
3
1
2
3
4
5,6
-
-
-
-
-
-
1
-
-
4
5,6
1
4
5,6
-
-
-
-
-
1
-
-
-
-
-
-
Group A
Subgroup
Output PWM'ing
Current Command=0 Volts
Output PWM'ing
Current Command=0 Volts
1
1
1
1
1
1
1
1
6
6
1
1
1
1
1
1
1
5
2
5
4
7
PRELIMINARY
Rev. - 2/06
Thermal Resistance (Output Switches@125°C)
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
(MSK 4324)
(MSK 4324H/E)
Junction Temperature
5 Amps @ 125°C TC
1 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com