Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4324D Datasheet (PDF) - M.S. Kennedy Corporation

MSK4324D Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4324D
Download  MSK4324D Download
File Size   373.74 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER

MSK4324D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4324D Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4324D
Download  MSK4324D Click to download

File Size   373.74 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER

MSK4324D Datasheet (HTML) - M.S. Kennedy Corporation


MSK4324D Product details

DESCRIPTION:
The MSK 4324 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in a convenient isolated baseplate package. The hybrid is capable of 10 amps of output current and 200 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWMing, the transistors are modulated in locked anti-phase (complementary) mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4324 has good thermal conductivity of the MOSFETs due to a hermetic isolated package design that allows direct heat sinking of the hybrid without insulators.

FEATURES:
• 200 Volt Motor Supply Voltage
• 10 Amp Output Switch Capability
• Shoot-Through/Cross Conduction Protection
• Hall Sensing and Commutation Circuitry on Board
• "Real" Four Quadrant Torque Control Capability
• Good Accuracy Around the Null Torque Point
• Hermetic Package Design for High Voltage Isolation Plus Good Thermal Transfer
• 60°/ 120º Phasing Selectable
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• 3 Phase Brushless DC Motor Control
• Servo Control
• Fin Actuator Control
• Gimbal Control
• AZ-EL Control




Similar Part No. - MSK4324D

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4324HD ANAREN-MSK4324HD Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4324HS ANAREN-MSK4324HS Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4324HU ANAREN-MSK4324HU Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324 MSK-MSK4324_15 Datasheet
936Kb / 8P
200 Volt Motor Supply Voltage
More results


Similar Description - MSK4324D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5026 AEROFLEX-ACT5026 Datasheet
53Kb / 2P
ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4310HU MSK-MSK4310HU Datasheet
280Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4410S MSK-MSK4410S Datasheet
273Kb / 8P
10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360 ANAREN-MSK4360 Datasheet
767Kb / 8P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com