Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23153 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC23153 Datasheet HTML 17Page - Microchip Technology MIC23153 Datasheet HTML 18Page - Microchip Technology MIC23153 Datasheet HTML 19Page - Microchip Technology MIC23153 Datasheet HTML 20Page - Microchip Technology MIC23153 Datasheet HTML 21Page - Microchip Technology MIC23153 Datasheet HTML 22Page - Microchip Technology MIC23153 Datasheet HTML 23Page - Microchip Technology MIC23153 Datasheet HTML 24Page - Microchip Technology MIC23153 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
2021-2022 Microchip Technology Inc. and its subsidiaries
DS20006489B-page 21
MIC23153
APPENDIX A: REVISION HISTORY
Revision A (February 2021)
• Converted Micrel document MIC23153 to Micro-
chip data sheet DS20006489B.
• Minor text changes throughout.
Revision B (April 2022)
• Updated
Section “Product Identification Sys-
tem”.
• Updated
Section 6.0 “Packaging Information”.
• Corrected package outline image to
“10-Lead
TDFN 2.5 mm x 2.5 mm Package Outline and
Recommended Land Pattern” from a 10-Lead
TDFN image.
• Minor format changes throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com