Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23153 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC23153
Description  4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23153 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC23153 Datasheet HTML 9Page - Microchip Technology MIC23153 Datasheet HTML 10Page - Microchip Technology MIC23153 Datasheet HTML 11Page - Microchip Technology MIC23153 Datasheet HTML 12Page - Microchip Technology MIC23153 Datasheet HTML 13Page - Microchip Technology MIC23153 Datasheet HTML 14Page - Microchip Technology MIC23153 Datasheet HTML 15Page - Microchip Technology MIC23153 Datasheet HTML 16Page - Microchip Technology MIC23153 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
2021-2022 Microchip Technology Inc. and its subsidiaries
DS20006489B-page 13
MIC23153
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
(Fixed)
Pin Number
(Adjustable)
Pin
Name
Description
1
1
SW
Switch (Output): Internal power MOSFET output switches.
2
2
EN
Enable (Input): Logic high enables operation of the regulator. Logic
low will shut down the device. Do not leave floating.
3
3
SNS
Sense: Connect to VOUT as close to output capacitor as possible to
sense output voltage.
4
—
NC
Not Internally Connected.
—
4
FB
Feedback: Connect a resistor divider from the output to ground to set
the output voltage.
5
5
PG
Power Good: Open-drain output for the power good indicator. Use a
pull-up resistor from this pin to a voltage source to detect a power
good condition.
6
6
SS
Soft-Start: Place a capacitor from this pin to ground to program the
soft start time. Do not leave floating, 100 pF minimum CSS is
required.
7
7
AGND
Analog Ground: Connect to central ground point where all high
current paths meet (CIN, COUT, PGND) for best operation.
8, 9
8, 9
VIN
Input Voltage: Connect a capacitor to ground to decouple the noise.
10
10
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com