Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940NT-E/MS Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP7940NT-E/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-E/MS Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP7940NT-E/MS Datasheet HTML 33Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 34Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 35Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 36Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 37Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 38Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 39Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 40Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 37
MCP7940N
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example
XXXXXXXT
XXXXYYWW
NNN
8-Lead TSSOP
Example
7940NI
SN
2201
13F
XXXX
TYWW
NNN
940N
I201
13F
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
AAV
201
13
Example
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
MCP7940N
I/P
13F
2201
3
e
8-Lead MSOP
Example
XXXXXT
YWWNNN
7940NI
20113F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com