Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940NT-E/MS Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP7940NT-E/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-E/MS Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP7940NT-E/MS Datasheet HTML 49Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 50Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 51Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 52Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 53Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 54Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 55Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 56Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 53
MCP7940N
APPENDIX A: REVISION HISTORY
Revision J (04/2022)
Updated Data Sheet for MCP7940N I2C RTCC to
include Automotive part numbers and other fixes;
Updated SOIC, TDFN and TSSOP package drawings;
Replaced terminology “Master” and “Slave” with “Host”
and “Client” respectively.
Revision H (10/2019)
Added notes regarding automotive grade availability;
Corrected MSOP marking rotation; Updated package
drawings SOIC and PDIP.
Revision G (07/2018)
Updated Section 5.5.1 “Square Wave Output Mode”.
Revision F (03/2014)
Updated overall content for improved clarity. Added
detailed descriptions of registers. Updated block
diagram and application schematic.
Defined names for all bits and registers, and renamed
the bits shown in Table 7-1 for clarification.
Renamed the DC characteristics shown in Table 7-2 for
clarification.
TABLE 7-1:
BIT NAME CHANGES
Revision E (01/2013)
Revised Table 1-2: AC Characteristics; temperature
range
Revision D (11/2012)
Added Extended Temp.
Revision C (12/2011)
Added DC/AC Char. Charts.
Revision B (09/2011)
• Added Figure 1-2
• Added Parameter D15 to Table 1-1
• Added Section 3.3 “Oscillator Input/Output (X1,
X2)”, Section 3.4 “Multifunction Pin (MFP)”,
Section 3.5 “Backup Supply (VBAT)”
• Added Figure 5-1
• Updated Section 5.2.3 “Oscillator Failure Status”,
Section 5.2.4 “Crystal Specs”, Section 5.2.5
“Power-fail Time-stamp”.
Revision A (04/2011)
Original release of this document.
TABLE 7-2:
DC CHARACTERISTIC NAME CHANGES
Old Bit Name
New Bit Name
OSCON
OSCRUN
VBAT
PWRFAIL
LP
LPYR
SQWE
SQWEN
ALM0
ALM0EN
ALM1
ALM1EN
RS0
SQWFS0
RS1
SQWFS1
RS2
CRSTRIM
CALIBRATION
TRIMVAL<6:0>
ALM0POL
ALMPOL
ALM1POL
ALMPOL
ALM0C<2:0>
ALM0MSK<2:0>
ALM1C<2:0>
ALM1MSK<2:0>
Old Bit Name
New Bit Name
Old Name
Old Symbol
New Name
New Symbol
Operating current SRAM
ICC Read
SRAM/RTCC register operating current
ICCREAD
ICC Write
ICCWRITE
Operating current
IVCC
Timekeeping current
ICCT
IBAT
Timekeeping backup current
IBATT
Standby current
ICCS
VCC data retention current (oscillator off)
ICCDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com