Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4357D Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4357D
Description  28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4357D Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4357D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL SYSTEM OPERATION
The MSK4357 is designed to be used with a +270 volt high voltage bus, +15 volt low power bus, and +5 volt logic signals.
Proper derating should be applied when designing the MSK4357 into a system. High frequency layout techniques with ground
planes on a printed circuit board is the only method that should be used for circuit construction. This will prevent pulse jitter caused
by excessive noise pickup on the current sense signal or the error amp signal.
Ground planes for the low power circuitry and high power circuitry should be kept separate. The connection between the bottom
of the current sense resistor, VSS pin and the high power ground are connected at this point. This is a critical path, and high
currents should not be flowing between the current sense and VSS. Inductance in this path should be kept to a minimum. An RC
filter (shown in 2 places) will filter out the current spikes and keep the detected noise for those circuits down to a minimum.
In the system shown, two types of current limit are implemented. The first limit is a PWM pulse by pulse limit controlled by the
motor controller. A second absolute maximum limit is set up for the MSK4357 which will completely shut off the bridge in the
event that current limit is exceeded.
The logic signals coming from the typical motor controller IC are set up for driving N channel low side and P channel high side
switches directly, and are usually 15 volt levels. Provision should be made for getting 5 volt logic signals to the MSK4357 of the
correct assertion levels. Typically, the low side signals out of the controller are high active and the high side are low active.
Inverters are shown in the system schematic for the low side controller output.
Rev. I 6/04
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com