Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4357D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4357D
Description  28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4357D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4357D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4357D Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4357
FEATURES:
500V, 28 Amp Capability
Ultra Low Thermal Resistance
Integral Free Wheeling Fast Recovery Epitaxial Diode (FRED)
Self-Contained, Smart Lowside/Highside Drive Circuitry
Under-Voltage Lockout, Internal 2uS Deadtime
Capable of Switching Frequencies to 25KHz
Isolated Case Allows Direct Heat Sinking
Case Bolt-down Design Allows Superior Heat Dissipation
MIL-PRF-38534 CERTIFIED
28 AMP, 500 VOLT IGBT PLUS DIODE
SMART POWER 3-PHASE
MOTOR DRIVE HYBRID
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4357 is a 28 Amp, 3 Phase Bridge Smart Power Motor Drive Hybrid with a 500 volt rating. The output
switches are Insulated Gate Bipolar Transistors (IGBT's) tailored for high switching speeds. The free-wheeling diodes
are the new Fast Recovery Epitaxial Diodes (FRED's) to provide matched current capabilities with the IGBT's and are
specified with excellent reverse recovery times at high current ratings. This new smart power motor drive hybrid is
compatible with 5V CMOS or TTL logic levels. The internal circuitry prevents simultaneous turn-on of the in-line half
bridge transistors with a built-in 2uS deadtime to prevent shoot-through. Undervoltage lockout shuts down the bridge
when the supply voltage gets to a point of incomplete turn-on of the output switches. The internal high-side power
supply derived from the +15 volt supply completely eliminates the need for 3 floating independent power supplies for
the high-side drive.
AV+
AØ
AV-
BV+
BØ
BV-
CV+
CØ
CV-/ISENSE
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
VCC
AØHIN
AØLIN
BØHIN
BØLIN
CØHIN
CØLIN
ITRIP
VSS
TYPICAL APPLICATIONS
ISO-9001 CERTIFIED BY DSCC
3 PHASE SIX STEP DC BRUSHLESS MOTOR DRIVE
OR 3 PHASE SINUSOIDAL INDUCTION MOTOR DRIVE
PIN-OUT INFORMATION
Rev. I 6/04
1


Similar Part No. - MSK4357D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4357 MSK-MSK4357_15 Datasheet
207Kb / 6P
Ultra Low Thermal Resistance
More results

Similar Description - MSK4357D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4358 MSK-MSK4358 Datasheet
421Kb / 6P
25 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 MSK-MSK4322 Datasheet
324Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351 MSK-MSK4351 Datasheet
405Kb / 6P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Anaren Microwave
MSK4351-1 ANAREN-MSK4351-1 Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
MSK4304RH ANAREN-MSK4304RH Datasheet
153Kb / 7P
10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com