Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441LE Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG441LE
Description  16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LE Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG441LE Datasheet HTML 9Page - Vishay Siliconix DG441LE Datasheet HTML 10Page - Vishay Siliconix DG441LE Datasheet HTML 11Page - Vishay Siliconix DG441LE Datasheet HTML 12Page - Vishay Siliconix DG441LE Datasheet HTML 13Page - Vishay Siliconix DG441LE Datasheet HTML 14Page - Vishay Siliconix DG441LE Datasheet HTML 15Page - Vishay Siliconix DG441LE Datasheet HTML 16Page - Vishay Siliconix DG441LE Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
All Leads
0.101 mm
0.004 IN
E
H
C
D
e
B
A1
L
4
3
12
8
7
56
13
14
16
15
9
10
12
11
Package Information
Vishay Siliconix
Document Number: 71194
02-Jul-01
www.vishay.com
1
SOIC (NARROW): 16LEAD
JEDEC Part Number: MS-012
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.38
0.51
0.015
0.020
C
0.18
0.23
0.007
0.009
D
9.80
10.00
0.385
0.393
E
3.80
4.00
0.149
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.50
0.93
0.020
0.037
0
_
8
_
0
_
8
_
ECN: S-03946—Rev. F, 09-Jul-01
DWG: 5300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com