Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG441L
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441L Datasheet(HTML) 4 Page - Vishay Siliconix

  DG441L Datasheet HTML 1Page - Vishay Siliconix DG441L Datasheet HTML 2Page - Vishay Siliconix DG441L Datasheet HTML 3Page - Vishay Siliconix DG441L Datasheet HTML 4Page - Vishay Siliconix DG441L Datasheet HTML 5Page - Vishay Siliconix DG441L Datasheet HTML 6Page - Vishay Siliconix DG441L Datasheet HTML 7Page - Vishay Siliconix DG441L Datasheet HTML 8Page - Vishay Siliconix DG441L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 71399
S11-1066–Rev. E, 30-May-11
Vishay Siliconix
DG441L, DG442L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONSa (Single Supply 5 V)
Test Conditions
Unless Otherwise Specified
V + = 5 V, V - = 0 V
VIN = 2.4 V, 0.8 V
f
A Suffix Limits
- 55 °C to 125 °C
D Suffix Limits
- 40 °C to 85 °C
Unit
Parameter
Symbol
Temp.b
Typ.c
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
5
5
V
Drain-Source
On-Resistancee
RDS(on)
V + = 4.5 V
IS = 5 mA, VD = 1 V, 3.5 V
Room
Full
35
50
88
50
75
On-Resistance Match
Between Channelse
RDS(on)
IS = 10 mA, VD = 3.5 V
Room
0.5
1
1
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 , CL = 35 pF
VS = 3.5 V, see figure 2
Room
Hot
27
50
90
50
60
ns
Turn-Off Timee
tOFF
Room
Hot
15
30
55
30
40
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 10 nF
Room
0.5
pC
Power Supplies
Positive Supply Currente
I +
VIN = 0 V or 5 V
Full
10
200
100
µA
Negative Supply Currente
I -
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5
Ground Currente
IGND
Full
- 10
- 200
- 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com