Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441L Datasheet (PDF) - Vishay Siliconix

DG441L Datasheet PDF - Vishay Siliconix
Part # DG441L
Download  DG441L Download
File Size   263.05 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches

DG441L Datasheet (PDF)

Go To PDF Page Download Datasheet
DG441L Datasheet PDF - Vishay Siliconix

Part # DG441L
Download  DG441L Click to download

File Size   263.05 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches

DG441L Datasheet (HTML) - Vishay Siliconix


DG441L Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• 2.7 V thru 12 V single supply or
± 3 V thru ± 6 V dual supply
• On-resistance - RDS(on): 17 Ω
• Fast switching - tON: 20 ns
- tOFF: 12 ns
• TTL, CMOS compatible
• Low leakage: 0.25 nA
• 2000 V ESD protection
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Widest dynamic range
• Low signal errors and distortion
• Break-before-make switching action
• Simple interfacing

APPLICATIONS
• Precision automatic test equipment
• Precision data acquisition
• Communication systems
• Battery powered systems
• Computer peripherals
• SDSL, DSLAM
• Audio and video signal routing

DESCRIPTION
The DG441L, DG442L are low voltage pin-for-pin
compatible companion devices to the industry standard
DG441L, DG442L with improved performance.
Using BiCMOS wafer fabrication technology allows the
DG441L, DG442L to operate on single and dual supplies.
Single supply voltage ranges from 3 V to 12 V while dual
supply operation is recommended with ± 3 V to ± 6 V.
Combining high speed (tON: 20 ns), flat RDS(on) over the
analog signal range (5 Ω), minimal insertion lose (- 3 dB at
280 MHz), and excellent crosstalk and off-isolation
performance (- 50 dB at 50 MHz), the DG441L, DG442L are
ideally suited for audio and video signal switching.
The DG441L, DG442L responds to opposite control logic as
shown in the Truth Table open and two normally closed
switches.




Similar Part No. - DG441L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG441L VISHAY-DG441L Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG441LAK VISHAY-DG441LAK Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG441LAK VISHAY-DG441LAK Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG441LAK-883 VISHAY-DG441LAK-883 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
More results


Similar Description - DG441L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
Precision Monolithic Quad SPST CMOS Analog Switches
27-May-13
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com