Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK183 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK183
Description  DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK183 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK183 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STATIC
Supply Voltage Range
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Input Capacitance
Common Mode Rejection Ratio
Input Voltage Noise Density
OUTPUT
Output Current
Output Disable Time
Output Enable Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Settling Time ±0.1%
Max.
±30
±20
±20
-
±10
-
±500
±50
-
-
-
-
-
-
-
-
-29
-
-
-
-
-
-
-
60V
5A
±29.5V
+27V/-29V
Internal Protection
(See Application Note)
Total Supply Voltage
Output Current (within S.O.A.)
Input Voltage (Differential)
Input Voltage (Common Mode)
Junction Temperature
-65°C to +150°C
300°C
-40°C to +125°C
-25°C to +85°C
1.8°C/W
3.0°C/W
3.5°C/W
4.0°C/W
1
2
3
4
5
6
7
8
9
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
VIND
VIN
TJ
Unless otherwise specified ±VCC= ±30VDC and E/S pin is open for MSK 182 and MSK 183.
All electrical specifications apply to each amplifier.
Devices shall be capable of meeting the parameter, but need not to be tested. Typical parameters are for reference only.
Industrial grade and 'E' suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('G' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4 TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-40°C
Does not apply to MSK 184 or MSK185.
Refer to SMD 5962-92152 for electrical parameters for devices purchased as such.
The operating temperature range is -55°C to +125°C if the device is powered. The minimum cold start temperature is -40°C.
VIN=0V
VIN=0V
VIN=0V
VIN=OV
f=DC
f=DC
(-VCC
)-0.1
≤ VIN ≤ (+VCC)-3V
f=1KHZ
IOUT=0.6A
IOUT=3.0A
DC=Continuous
VE/S High- Output Enabled E/S Open or High
VE/S Low- Output Disabled E/S Forced Low
IE/S High- Output Enabled E/S Open or High
IE/S Low- Output Disabled E/S Forced Low
AV=1 VOUT= 50Vp-p RL=8
Ω
VOUT=±25V RL=1K
Ω
AV=10 50V Step
Group A
Subgroup
-
1
2,3
-
1
-
1
1
-
-
1
-
4
4
4
4
4
-
-
-
-
-
4
-
Typ.
-
±17
±17
±6
±2
±30
±100
±5
10
6
95
90
±28
±26
-
-
-
-65
-70
1
3
10
98
15
Min.
±4
-
-
-
-
-
-
±1
-
-
80
-
±27
±25.5
±3
-27.5
-
-
-
-
-
-
90
-
Min.
±4
-
-
-
-
-
-
-
-
-
75
-
±27
±25
±3
-27.5
-
-
-
-
-
-
88
-
Max.
±30
±23
-
-
±15
-
±750
±75
-
-
-
-
-
-
-
-
-29
-
-
-
-
-
-
-
Typ.
-
±17
-
±6
±2
±30
±100
±5
10
6
95
90
±28
±26
-
-
-
-65
-70
1
3
8
98
18
Units
V
mA
mA
mA
mV
µV/°C
nA
nA
Ω
pF
dB
nV/
√HZ
V
V
A
V
V
µA
µA
µS
µS
V/µS
dB
µS
MSK182G/E
184G/E/185G/E
MSK182/MSK183/
MSK184/MSK185
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
NOTES:
Quiescent Current (Per Amp)
3
Quiescent Current (Per Amp)
VIN=0V
Shutdown Mode VIN=0V
7
7
Shutdown Input
Output Voltage Swing
3
3
3
3
3
2
3
3
Rev. I 3/04
3
7
7
7
7
Storage Temperature Range
Lead Temperature Range
(10 seconds)
Case Operating Temperature
(MSK182G/E/184G/E/185G/E) See Note 9
(MSK182/183/184/185)
Thermal Resistance (Per Amplifier)
MSK182 - Junction to Case @ 125°C
MSK183 - Junction to Case @ 125°C
MSK184 - Junction to Case @ 125°C
MSK185 - Junction to Case @ 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com